Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT505 Datasheet (PDF) - List of Unclassifed Manufacturers

LT505 Datasheet PDF - List of Unclassifed Manufacturers
Part # LT505
Download  LT505 Download
File Size   67.68 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Current, Peak Limiting Class A Amplifier

LT505 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT505 Datasheet PDF - List of Unclassifed Manufacturers

Part # LT505
Download  LT505 Click to download

File Size   67.68 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Current, Peak Limiting Class A Amplifier

LT505 Datasheet (HTML) - List of Unclassifed Manufacturers


LT505 Product details

[GENNUM CORPORATION]

DESCRIPTION
The LT505 is a low current, low voltage monolithic integrated circuit amplifier. It is comprised of an operational amplifier driving a single transistor class A output stage with open collector. Also included is a pair of complementary Schottky diodes which, when shunted across the load, provide the capability for symmetrical peak clipping.

FEATURES
• amplifier current typically 53 µA
• transducer current typically 210 µA
• Schottky diodes provide peak limiting
• low parts count
• gain 74dB typically with 1.3 V supply

STANDARD PACKAGING
• 8 Pin PLID®
• chip ( 56 x 55 mils)




Similar Part No. - LT505

ManufacturerPart #DatasheetDescription
logo
LEM
LT505-S LEM-LT505-S Datasheet
66Kb / 2P
Current Transducer LT 505-S
LT505-T LEM-LT505-T Datasheet
54Kb / 2P
DC, AC, poulsed.. with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit)
logo
Sharp Corporation
LT5050ET SHARP-LT5050ET Datasheet
425Kb / 5P
Dot Matrix LED
More results


Similar Description - LT505

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
logo
International Rectifier
IR2121 IRF-IR2121 Datasheet
452Kb / 15P
CURRENT LIMITING LOW SIDE DRIVER
logo
Gennum Corporation
LS505 GENNUM-LS505 Datasheet
163Kb / 5P
High Gain Class A Amplifier with Peak Clipping
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
July 15, 2005
logo
Littelfuse
KLKR LITTELFUSE-KLKR Datasheet
444Kb / 4P
CLASS CC/CD DIMENSIONS AND CURRENT-LIMITING EFFECTS
logo
International Rectifier
IR2121PBF IRF-IR2121PBF Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2121 IRF-IR2121_15 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
logo
Intersil Corporation
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Infineon Technologies A...
IR2121 INFINEON-IR2121 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com