Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX-SDPAC Datasheet (PDF) - silex technology america, Inc.

SX-SDPAC Datasheet PDF - silex technology america, Inc.
Part # SX-SDPAC
Download  SX-SDPAC Download
File Size   1157.44 Kbytes
Page   1 Pages
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.
Description 802.11a/b/g/n/ac plus Bluetooth SDIO System-in-Package (SiP) Module

SX-SDPAC Datasheet (PDF)

Go To PDF Page Download Datasheet
SX-SDPAC Datasheet PDF - silex technology america, Inc.

Part # SX-SDPAC
Download  SX-SDPAC Click to download

File Size   1157.44 Kbytes
Page   1 Pages
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.
Description 802.11a/b/g/n/ac plus Bluetooth SDIO System-in-Package (SiP) Module

SX-SDPAC Datasheet (HTML) - silex technology america, Inc.


SX-SDPAC Product details

Key Features:
• Low Power Dual-Band 1x1 SiP Module for Wi-Fi & BT
• Based on the QCA9377 Chipset
• 802.11 a/b/g/n/ac Wave 2 MU-MIMO
• SDIO 3.0 WLAN Host Interface
• UART/PCM BT Interface
• On-chip Power Management Unit (PMU)
• Single 3.3V Supply (I/O Supply 1.8V or 3.3V)
• Internal 48 MHz XTAL
• Antenna Diversity Support controlled by signal pins
• Single-ended Integrated RF Front-end Design
• Minimal host utilization (11ac speeds) via ooading




Similar Part No. - SX-SDPAC

ManufacturerPart #DatasheetDescription
logo
silex technology americ...
SX-SDPGN SILEX-SX-SDPGN Datasheet
1Mb / 2P
802.11b/g/n SiP for Mobile Applications
REV D. 20192903
SX-SDPGN-2830 SILEX-SX-SDPGN-2830 Datasheet
1Mb / 2P
802.11b/g/n SiP for Mobile Applications
REV D. 20192903
SX-SDPGN-2830-SP SILEX-SX-SDPGN-2830-SP Datasheet
1Mb / 2P
802.11b/g/n SiP for Mobile Applications
REV D. 20192903
More results


Similar Description - SX-SDPAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX-SDCAN ETC1-SX-SDCAN Datasheet
3Mb / 2P
802.11a/b/g/n Plus Bluetooth* SDIO Card
SX-SDMAN ETC2-SX-SDMAN Datasheet
924Kb / 2P
802.11a/b/g/n Plus Bluetooth SDIO Module
logo
Cypress Semiconductor
CYW20737L CYPRESS-CYW20737L Datasheet
1Mb / 24P
Bluetooth Low Energy System in Package (SiP) Module
logo
Suntsu Electronics, Inc...
SATIA-104F7I-WFB3 SUNTSU-SATIA-104F7I-WFB3 Datasheet
702Kb / 4P
Bluetooth & IEEE 802.11a/b/g/n/ac
SATIA-119C6A-WFB1 SUNTSU-SATIA-119C6A-WFB1 Datasheet
436Kb / 3P
Bluetooth & IEEE 802.11a/b/g
SATIA-144G14F-WFB3 SUNTSU-SATIA-144G14F-WFB3 Datasheet
584Kb / 4P
Bluetooth & IEEE 802.11a/b/g/ac
SATIA-160A11A-WFB1 SUNTSU-SATIA-160A11A-WFB1 Datasheet
1,016Kb / 3P
Bluetooth & IEEE 802.11a/b/g
SATIA-160H19A-WFB3 SUNTSU-SATIA-160H19A-WFB3 Datasheet
1Mb / 4P
Bluetooth & IEEE 802.11a/b/g/ac
SATIA-207B21I-WFB3 SUNTSU-SATIA-207B21I-WFB3 Datasheet
329Kb / 4P
Bluetooth & IEEE 802.11a/b/g/ac
logo
silex technology americ...
SX-SDMAC2 SILEX-SX-SDMAC2 Datasheet
2Mb / 2P
IEEE 802.11 a/b/g/n/ac Plus Bluetooth SDIO Wi-Fi Module
REV A. 20190913
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com