Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX-SDPAC Datasheet(PDF) 1 Page - silex technology america, Inc.

Part # SX-SDPAC
Description  802.11a/b/g/n/ac plus Bluetooth SDIO System-in-Package (SiP) Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.

SX-SDPAC Datasheet(HTML) 1 Page - silex technology america, Inc.

  SX-SDPAC Datasheet HTML 1Page - silex technology america, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SX-SDPAC
802.11a/b/g/n/ac plus Bluetooth
SDIO System-in-Package (SiP) Module
Silex SX-SDPAC is a dual-band 1x1 802.11a/b/g/n/ac plus Bluetooth
5.0+HS “Smart Ready” SDIO SiP module based on the Qualcomm
Atheros QCA9377 System-on-Chip (SoC). It integrates a QCA9377 SoC
and a single-ended integrated RF front end including diplexer and
coupler. These allow a single external antenna to be used for both
5GHz and 2.4GHz bands internally.
SX-SDPAC supports 802.11ac Wave 2 multi-user MIMO (MU-MIMO)
feature for high performance and increased capacity. SX-SDPAC
provides an SDIO3.0 interface for WLAN and a hi-speed UART
interface for BT. The compact SiP module measures 6.9 mm x 6.9 mm
thus reducing cost and area. 1.5KBytes of on-chip one-time-program-
mable (OTP) memory eliminates the need for an external ash and
further reduces BOM cost.
The SX-SDPAC is a System-in-Package (SiP) designed to be mounted
directly on the device PCBA. This design approach minimizes cost by
eliminating extra materials and labor associated with a radio module
or card. In order to expedite your product development process, Silex
can provide both hardware and software engineering services
including custom driver development.
PN: 141-20135-110
REV D 20200327
Dual-Band 1x1 802.11ac SiP Module for Wi-Fi & Bluetooth
silex technology is a registered trademark of silex technology, Inc. Other product or brand names may be registered trademarks or trademarks of their respective owners.
Technical information and specications are subject to change without notice. © 2020 silex technology, Inc. All rights reserved.
silex global sales & support locations
US O ce
silex technology america, Inc.
+1-801-748-1199
US toll free 866-765-8761
www.silexamerica.com
sales@silexamerica.com
Europe O ce
silex technology europe, GmbH
+49-2154-88967-0
Germany toll free 0800-7453938
www.silexeurope.com
sales@silexeurope.com
Corporate Headquarters
silex technology, Inc.
+81-774-98-3781
www.silex.jp
support@silex.jp
SX-SDPAC-2830
Chipset
Host Interface
Reference Driver
Temperature Range
SDIO3.0: WLAN
Hi-speed UART: Bluetooth
Qualcomm Atheros QCA9377
1x1 mode (1T1R)
Specications:
Radio Specications
Dimensions
6.9mm (L) x 6.9mm (W) x 1.082mm (H)
-20°C to +80°C [Case Temperature]
Linux, Windows, Android
Baseband Specications
CSMA/CA media access; DSSS, OFDM
Weight
Operating Voltage
Product Name
Antenna Conguration
3.30 VDC +/- 5%
I802.11b/g/n: 2.412 - 2.484 GHz
802.11a/n/ac: 4.9 - 5.925 GHz
Bluetooth: 2.402 – 2.480 GHz
Key Features:
• LowPowerDual-Band1x1SiPModuleforWi-Fi&BT
• BasedontheQCA9377Chipset
• 802.11a/b/g/n/acWave2MU-MIMO
• SDIO3.0WLANHostInterface
• UART/PCMBTInterface
• On-chipPowerManagementUnit(PMU)
• Single3.3VSupply(I/OSupply1.8Vor3.3V)
• Internal48MHzXTAL
• AntennaDiversitySupportcontrolledbysignalpins
• Single-endedIntegratedRFFront-endDesign
• Minimalhostutilization(11acspeeds)viaooading
Bluetooth Specications
BT4.1 + HS “Smart Ready” BLE
Compatible with BT1.x, 2.x, & EDR
Diagram:
Contact sales@silexamerica.com to learn how you can start
evaluations on the SX-SDPAC-2830 SiP.
India O ce
silex technology india, Pvt. Ltd.,.
+91-44-43033234
www.silex-india.com
support@silex-india.com


Similar Part No. - SX-SDPAC

ManufacturerPart #DatasheetDescription
logo
silex technology americ...
SX-SDPGN SILEX-SX-SDPGN Datasheet
1Mb / 2P
802.11b/g/n SiP for Mobile Applications
REV D. 20192903
SX-SDPGN-2830 SILEX-SX-SDPGN-2830 Datasheet
1Mb / 2P
802.11b/g/n SiP for Mobile Applications
REV D. 20192903
SX-SDPGN-2830-SP SILEX-SX-SDPGN-2830-SP Datasheet
1Mb / 2P
802.11b/g/n SiP for Mobile Applications
REV D. 20192903
More results

Similar Description - SX-SDPAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX-SDCAN ETC1-SX-SDCAN Datasheet
3Mb / 2P
802.11a/b/g/n Plus Bluetooth* SDIO Card
SX-SDMAN ETC2-SX-SDMAN Datasheet
924Kb / 2P
802.11a/b/g/n Plus Bluetooth SDIO Module
logo
Cypress Semiconductor
CYW20737L CYPRESS-CYW20737L Datasheet
1Mb / 24P
Bluetooth Low Energy System in Package (SiP) Module
logo
Suntsu Electronics, Inc...
SATIA-104F7I-WFB3 SUNTSU-SATIA-104F7I-WFB3 Datasheet
702Kb / 4P
Bluetooth & IEEE 802.11a/b/g/n/ac
SATIA-119C6A-WFB1 SUNTSU-SATIA-119C6A-WFB1 Datasheet
436Kb / 3P
Bluetooth & IEEE 802.11a/b/g
SATIA-144G14F-WFB3 SUNTSU-SATIA-144G14F-WFB3 Datasheet
584Kb / 4P
Bluetooth & IEEE 802.11a/b/g/ac
SATIA-160A11A-WFB1 SUNTSU-SATIA-160A11A-WFB1 Datasheet
1,016Kb / 3P
Bluetooth & IEEE 802.11a/b/g
SATIA-160H19A-WFB3 SUNTSU-SATIA-160H19A-WFB3 Datasheet
1Mb / 4P
Bluetooth & IEEE 802.11a/b/g/ac
SATIA-207B21I-WFB3 SUNTSU-SATIA-207B21I-WFB3 Datasheet
329Kb / 4P
Bluetooth & IEEE 802.11a/b/g/ac
logo
silex technology americ...
SX-SDMAC2 SILEX-SX-SDMAC2 Datasheet
2Mb / 2P
IEEE 802.11 a/b/g/n/ac Plus Bluetooth SDIO Wi-Fi Module
REV A. 20190913
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com