Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA309A Datasheet (PDF) - STMicroelectronics

STA309A Datasheet PDF - STMicroelectronics
Part # STA309A
Download  STA309A Download
File Size   639.5 Kbytes
Page   71 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multi-channel digital audio processor with DDX®

STA309A Datasheet (PDF)

Go To PDF Page Download Datasheet
STA309A Datasheet PDF - STMicroelectronics

Part # STA309A
Download  STA309A Click to download

File Size   639.5 Kbytes
Page   71 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multi-channel digital audio processor with DDX®

STA309A Datasheet (HTML) - STMicroelectronics


STA309A Product details

Features
· 8 channels of 24-bit DDX® (direct digital
amplification)
· >100 dB of SNR and dynamic range
· Selectable 32 kHz - 192 kHz input sample rates
· 6 channels of DSD/SACD input
· Digital gain/attenuation +58 dB to -100 dB in
0.5-dB steps
· Soft volume update
· Individual channel and master gain/attenuation
plus channel trim (-10 dB to +10 dB)
· Up to 10 independent 32-bit user
programmable biquads (EQ) per channel
· Bass/treble tone control
· Pre and post EQ full 8-channel input mix on all
8 channels
· Dual independent limiters/compressors
· Dynamic range compression
· Automode™:
– 5-band graphic EQ
– 32 preset EQ curves (rock, jazz, pop, etc.)
– Automatic volume controlled loudness
– 5.1 to 2-channel downmix
– Simultaneous 5.1- and 2-channel downmix
outputs
– 3 preset volume curves
– 2 preset anti-clipping modes
– Preset movie nighttime listening mode
– Preset TV channel/commercial AGC mode
– 5.1, 2.1 bass management configurations
– 8 preset crossover filters
· Individual channel and master soft/hard mute
· Automatic zero-detect and invalid input mute
· Automatic invalid input detect mute
· Advanced PopFree operation
· Advanced AM interference frequency
switching and noise suppression modes
· I2S output channel mapping function
· Independent channel volume and DSP bypass
· Channel mapping of any input to any
processing/DDX® channel
· DC blocking selectable high-pass filter
· Selectable per-channel DDX® damped ternary
or binary PWM output
· Max power correction for lower full-power THD
· Variable per channel DDX® output delay control
· 192 kHz internal processing sample rate, 24-bit
to 36-bit precision

Description
The STA309A is a single chip solution for digital
audio processing and control in multi-channel
applications. It provides output capabilities for
DDX®. In conjunction with a DDX® power device,
the STA309A provides high-quality,
high-efficiency, all digital amplification. The device
is extremely versatile, allowing inputs of most
digital formats including 6.1/7.1-channel and
192 kHz, 24-bit DVD-audio, DSD/SACD. In 5.1
applications the additional 2 channels can be
used for audio line-out or headphone drive. In
speaker mode, with 8 channel outputs in parallel,
the STA309A can deliver more than 1 W.




Similar Part No. - STA309A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA309A SANKEN-STA309A Datasheet
31Kb / 1P
PNP Darlington General purpose/3-phase motor drive
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
STA309A STMICROELECTRONICS-STA309A Datasheet
598Kb / 67P
Multi-channel digital audio processor with DDX
12-Oct-2009
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
Multi-channel digital audio processor with DDX
12-Oct-2009
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
More results


Similar Description - STA309A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA304 STMICROELECTRONICS-STA304 Datasheet
335Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
rev. 2.1
STA308 STMICROELECTRONICS-STA308 Datasheet
258Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
Dec-2002
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
Digital Audio Processor With Codec
logo
STMicroelectronics
8169 STMICROELECTRONICS-8169 Datasheet
338Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
Mar-2002
STA306 STMICROELECTRONICS-STA306 Datasheet
232Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
Oct-2003
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
ADAMB Advanced Digital Audio Multi channel decode processor
logo
STMicroelectronics
STA308A STMICROELECTRONICS-STA308A_07 Datasheet
598Kb / 63P
Multi-channel digital audio processor with DDX TM
Jul-2007
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
Multi-channel digital audio processor with DDX
12-Oct-2009
logo
Texas Instruments
TAS3002 TI1-TAS3002_14 Datasheet
289Kb / 55P
Digital Audio Processor With Codec
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com