Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet (PDF) - Silicon Laboratories

SW52212 Datasheet PDF - Silicon Laboratories
Part # SW52212
Download  SW52212 Download
File Size   1090.44 Kbytes
Page   71 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator

SW52212 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW52212 Datasheet PDF - Silicon Laboratories

Part # SW52212
Download  SW52212 Click to download

File Size   1090.44 Kbytes
Page   71 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator

SW52212 Datasheet (HTML) - Silicon Laboratories


SW52212 Product details

Applications
• Servers
• Storage
• Data Centers
• PCIe Add-on Cards
• Network Interface Cards (NIC)
• Graphics Adapter Cards
• Multi-function Printers
• Digital Single-Lens Reflex (DSLR) Cameras
• Digital Still Cameras
• Digital Video Cameras
• Docking Stations

Feature
• 12/8/4/2-output 100 MHz PCIe Gen 1/2/3/4/5 and SRIS compliant clock generator, with push-pull HCSL output drivers
• High port count with push-pull HCSL outputs to support highly integrated solution, eliminating external resistors for the HCSL output
drivers
• Low jitter of 0.13 ps rms max to meet PCIe Gen5 specifications with design margin
• Low power consumption.
• Lowest power consumption in the industry for a 2-output PCIe clock generator
• Individual hardware control pins and I2C controls for Output Enable, Spread Spectrum Enable and Frequency Select
• Output Enable function easily disables unused outputs for power saving
• Spread Enable function to turn on/off spread spectrum and to select spread levels, either down spread 0.25% or 0.5%
• Frequency Select function to select output frequency of 100 MHz, 133 MHz, or 200 MHz (except Si52202 where the output frequency
is limited to 100 MHz. Please contact Silicon Labs for 133 MHz or 200 MHz in Si52202)
• All above functions are controlled by individual hardware pins or I2C
• Internal 100 Ω or 85 Ω impedance matching
• Eliminates external line matching resistor to reduce board space
• Adjustable slew rate to improve signal quality for different applications and board designs
• Power down (PWRDNb) function supports Wake-on LAN (except Si52202)
• One non-spread, 25 MHz LVMCOS reference clock output (except Si52202)
• A buffered 25 MHz LVCMOS clock output to drive ASICS or SoCs on board
• 25 MHz reference input
• Supports a standard crystal or clock input for flexibility
• I2C support with readback capabilities
• 1.5–1.8 V power supply with separate VDD and VDD_IO (1.05 to 1.8 V)
• Temperature range: –40 °C to 85 °C
• Small QFN packages to optimize board space. Smallest 2-output PCIe clock generator in the industry
• 64-pin QFN (9 x 9 mm) : 12-output
• 48-pin QFN (6 x 6 mm) : 8-output
• 32-pin QFN (5 x 5 mm) : 4-output
• 20-pin QFN (3 x 3 mm) : 2-output
• Pb-free, RoHS-6 compliant




Similar Part No. - SW52212

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW52 ALPHAWIRE-SW52 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
NiceRF Wireless Technol...
SW520-ZT100 G-NICE-SW520-ZT100 Datasheet
385Kb / 3P
520MHz Gold-Plated Straight Rod Antenna
2024-2
logo
Connor-Winfield Corpora...
SW5210 CONNOR-WINFIELD-SW5210 Datasheet
54Kb / 1P
14 PIN DIP HIGH SPEED SINEWAVE
SW5210G CONNOR-WINFIELD-SW5210G Datasheet
74Kb / 1P
14 PIN DIP HIGH SPEED SINEWAVE
SW525 CONNOR-WINFIELD-SW525 Datasheet
54Kb / 1P
14 PIN DIP HIGH SPEED SINEWAVE
More results


Similar Description - SW52212

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
SI52146 SILABS-SI52146 Datasheet
184Kb / 20P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
SI52212 SILABS-SI52212 Datasheet
1Mb / 71P
12/8/4/2-Output PCI-Express Gen 1/2/3/4 and SRIS Clock Generator
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com