Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 3 Page - Silicon Laboratories

  SW52212 Datasheet HTML 1Page - Silicon Laboratories SW52212 Datasheet HTML 2Page - Silicon Laboratories SW52212 Datasheet HTML 3Page - Silicon Laboratories SW52212 Datasheet HTML 4Page - Silicon Laboratories SW52212 Datasheet HTML 5Page - Silicon Laboratories SW52212 Datasheet HTML 6Page - Silicon Laboratories SW52212 Datasheet HTML 7Page - Silicon Laboratories SW52212 Datasheet HTML 8Page - Silicon Laboratories SW52212 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
2. Ordering Guide
Table 2.1. Si522x Ordering Guide
Number of Outputs
Internal Termination
Part Number
Package Type
Temperature
12-output
100 Ω
Si52212-A01AGM
64-QFN
Extended, –40 to 85 °C
Si52212-A01AGMR
64-QFN - Tape and Reel
Extended, –40 to 85 °C
85 Ω
Si52212-A02AGM
64-QFN
Extended, –40 to 85 °C
Si52212-A02AGMR
64-QFN - Tape and Reel
Extended, –40 to 85 °C
8-output
100 Ω
Si52208-A01AGM
48-QFN
Extended, –40 to 85 °C
Si52208-A01AGMR
48-QFN - Tape and Reel
Extended, –40 to 85 °C
85 Ω
Si52208-A02AGM
48-QFN
Extended, –40 to 85 °C
Si52208-A02AGMR
48-QFN - Tape and Reel
Extended, –40 to 85 °C
4-output
100 Ω
Si52204-A01BGM
32-QFN
Extended, –40 to 85 °C
Si52204-A01BGMR
32-QFN - Tape and Reel
Extended, –40 to 85 °C
85 Ω
Si52204-A02BGM
32-QFN
Extended, –40 to 85 °C
Si52204-A02BGMR
32-QFN - Tape and Reel
Extended, –40 to 85 °C
2-output
100 Ω
Si52202-A01BGM
20-QFN
Extended, –40 to 85 °C
Si52202-A01BGMR
20-QFN - Tape and Reel
Extended, –40 to 85 °C
85 Ω
Si52202-A02BGM
20-QFN
Extended, –40 to 85 °C
Si52202-A02BGMR
20-QFN - Tape and Reel
Extended, –40 to 85 °C
2.1 Technical Support
Table 2.2. Technical Support URLs
Frequently Asked Questions
www.silabs.com/Si522xx-FAQ
PCIe Clock Jitter Tool
www.silabs.com/products/timing/pci-express-learning-center
PCIe Learning Center
www.silabs.com/products/timing/pci-express-learning-center
Development Kit
www.silabs.com/products/development-tools/timing/clock/si52204-evb-evaluation-kit.html
Data Sheet
Ordering Guide
silabs.com | Building a more connected world.
Rev. 1.0 | 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com