Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 12Page - Silicon Laboratories SW52212 Datasheet HTML 13Page - Silicon Laboratories SW52212 Datasheet HTML 14Page - Silicon Laboratories SW52212 Datasheet HTML 15Page - Silicon Laboratories SW52212 Datasheet HTML 16Page - Silicon Laboratories SW52212 Datasheet HTML 17Page - Silicon Laboratories SW52212 Datasheet HTML 18Page - Silicon Laboratories SW52212 Datasheet HTML 19Page - Silicon Laboratories SW52212 Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OE_b Latency
TOEBLAT
Differential outputs start after
OE_b assertion Differential out-
puts stop after OE_b deassertion
—
2
3.5
clocks
PWRDNb Latency to differ-
ential outputs enable
TPWRDNb
Differential outputs enable after
PD_b de-assertion
—
490
520
µs
Note:
1. This is for XTAL mode only. For CLKIN mode, there would be a duty cycle distortion spec of ±0.5 ns.
Table 4.4. PCIe and Intel QPI Jitter Specifications
Parameter
Symbol
Condition
Min
Typ
Max
Jitter
Limit
Unit
DIFF HCSL
Cycle to Cycle Jitter
JCCJ
Measured at 0 V differential
—
16
23
ps
(pk-pk)
PCIe Gen 1 Pk-Pk Jitter
JPk-Pk
PCIe Gen 1
0
25
33
86
ps
(pk-pk)
PCIe Gen 2 Phase Jitter
JRMSGEN2
10 kHz < F < 1.5 MHz
0
0.18
0.24
3
ps
(RMS)
1.5 MHz < F < Nyquist
0
1.4
1.7
3.1
ps
(RMS)
PCIe Gen 3 Phase Jitter
JRMSGEN3
Includes PLL BW 2–4 MHz,
CDR = 10 MHz
—
0.3
0.38
1.0
ps
(RMS)
PCIe Gen 3 SRIS1
Phase Jitter
JRMSGen3_SRIS
Includes PLL BW 2–4 MHz,
CDR = 10 MHz
—
0.37
0.44
0.7
ps
(RMS)
PCIe Gen 4 Phase Jitter
JRMSGen4
Includes PLL BW 2–4 MHz,
CDR = 10 MHz
—
0.3
0.38
0.5
ps
(RMS)
PCIe Gen 4 SRIS1
Phase Jitter
JRMSGen4_SRIS
Includes PLL BW 2–4 MHz,
CDR = 10 MHz
—
0.38
0.45
0.5
ps
(RMS)
PCIe Gen 5 5
Phase Jitter
JRMSGen5
Includes PLL BW 500 kHz–1.8 MHz,
CDR = 20 MHz
—
0.11
0.135
0.15
ps
(RMS)
PCIe Gen 5 SRIS1
Phase Jitter
JRMSGen5_SRIS
Includes PLL BW 500 kHz–1.8 MHz,
CDR = 20 MHz
—
0.11
0.13
0.18
ps
(RMS)
Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.0 | 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com