Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 46 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 46 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 42Page - Silicon Laboratories SW52212 Datasheet HTML 43Page - Silicon Laboratories SW52212 Datasheet HTML 44Page - Silicon Laboratories SW52212 Datasheet HTML 45Page - Silicon Laboratories SW52212 Datasheet HTML 46Page - Silicon Laboratories SW52212 Datasheet HTML 47Page - Silicon Laboratories SW52212 Datasheet HTML 48Page - Silicon Laboratories SW52212 Datasheet HTML 49Page - Silicon Laboratories SW52212 Datasheet HTML 50Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
9. Pin Descriptions
9.1 Si52212 Pin Descriptions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VDDA
GNDA
NC
GND
SS_EN
PWRGD/PWRDNb
GND
XIN/CLKIN
XOUT
VDDX
VDDR
REF / SA
VSSR
SDA
SCLK
FS
48
47
37
36
35
34
33
46
45
44
43
42
41
40
39
38
GND
DIFF_7b
DIFF_7
OE_7b
OE_6b
DIFF_6b
DIFF_6
GND
VDD
DIFF_5b
DIFF_5
OE_5b
OE_4b
DIFF_4b
DIFF_4
GND
Si52212
Figure 9.1. 64-Pin QFN
Table 9.1. Si52212 64-Pin QFN Descriptions
Pin #
Name
Type
Description
1
VDDA
PWR
Analog Power Supply.
2
GNDA
PWR
Analog Ground.
3
NC
No connect.
4
GND
GND
Ground.
5
SS_EN
I
Spread spectrum enable pin. 0 = –0.25% spread, mid= Off, 1= –0.5% spread (This
pin has an internal 100 kΩ pull-up).
6
PWRGD/
PWRDNb
I, PU
Active low input pin asserts power down (PDb) and disables all outputs (This pin
has an internal 100 kΩ pull-up). Refer also to settings of Byte 2, Bit2 and Bit3 for
REF. Settings for Bit3 (REF_OE) will take precedence for REF.
7
GND
GND
Ground.
8
XIN/CLKIN
I
25.00 MHz crystal input or 25 MHz Clock Input.
9
XOUT
O
25.00 MHz crystal output. Float XOUT if using only CLKIN (Clock input).
10
VDDX
PWR
Power supply for crystal.
11
VDDR
PWR
Power supply for REF output.
12
REF /SA
O/I
REF = 25 MHz LVCMOS output. SA = Address select for I2C. When part is pow-
ered up, SA will be latched to select the I2C address. Refer to Table 8.1 SA State
on First Application of PWRGD/PWRDNb on page 32. Refer also to 5.14 REF/SA
Pin for termination. (This pin has an internal 60 kΩ pull-up.)
Data Sheet
Pin Descriptions
silabs.com | Building a more connected world.
Rev. 1.0 | 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com