Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 20 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 16Page - Silicon Laboratories SW52212 Datasheet HTML 17Page - Silicon Laboratories SW52212 Datasheet HTML 18Page - Silicon Laboratories SW52212 Datasheet HTML 19Page - Silicon Laboratories SW52212 Datasheet HTML 20Page - Silicon Laboratories SW52212 Datasheet HTML 21Page - Silicon Laboratories SW52212 Datasheet HTML 22Page - Silicon Laboratories SW52212 Datasheet HTML 23Page - Silicon Laboratories SW52212 Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
5. Functional Description
5.1 Crystal Recommendations
The clock device requires a parallel resonance crystal.
Table 5.1. Crystal Recommendations
Frequency
(Fund)
Cut
Loading
Load Cap
Shunt Cap
(max)
Motional
(max)
Tolerance
(max)
Stability
(max)
Aging (max)
25 MHz
AT
Parallel
8–15 pF
5 pF
0.016 pF
35 ppm
30 ppm
5 ppm
5.2 Crystal Loading
Crystal loading is critical in achieving low ppm performance. To realize low ppm performance, use the total capacitance the crystal sees
to calculate the appropriate capacitive loading (CL).
The figure below shows a typical crystal configuration using the two trim capacitors. It is important that the trim capacitors are in series
with the crystal.
Figure 5.1. Crystal Capacitive Clarification
Data Sheet
Functional Description
silabs.com | Building a more connected world.
Rev. 1.0 | 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com