Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 25 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 25 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 21Page - Silicon Laboratories SW52212 Datasheet HTML 22Page - Silicon Laboratories SW52212 Datasheet HTML 23Page - Silicon Laboratories SW52212 Datasheet HTML 24Page - Silicon Laboratories SW52212 Datasheet HTML 25Page - Silicon Laboratories SW52212 Datasheet HTML 26Page - Silicon Laboratories SW52212 Datasheet HTML 27Page - Silicon Laboratories SW52212 Datasheet HTML 28Page - Silicon Laboratories SW52212 Datasheet HTML 29Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
5.14 REF/SA Pin
Figure 5.8. REF/SA Pin Function
The REF/SA pin is a dual-function input/output pin.
The SA functionality sets the Slave Address of the part. This address is latched to the value of the pin when the part initially powers up.
See Table 8.1 SA State on First Application of PWRGD/PWRDNb on page 32 for the available addresses. By default, the internal 60
kΩ pull-up resistor will set SA to a value of 1. To drive the pin low, use a 10 kΩ pull-down resistor.
After the I2C address is latched on first power up, the REF/SA pin assumes its REF functionality. In REF mode, it will output a 25 MHz
LVCMOS signal.
Data Sheet
Functional Description
silabs.com | Building a more connected world.
Rev. 1.0 | 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com