Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 24 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 24 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 20Page - Silicon Laboratories SW52212 Datasheet HTML 21Page - Silicon Laboratories SW52212 Datasheet HTML 22Page - Silicon Laboratories SW52212 Datasheet HTML 23Page - Silicon Laboratories SW52212 Datasheet HTML 24Page - Silicon Laboratories SW52212 Datasheet HTML 25Page - Silicon Laboratories SW52212 Datasheet HTML 26Page - Silicon Laboratories SW52212 Datasheet HTML 27Page - Silicon Laboratories SW52212 Datasheet HTML 28Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
5.10 OEb Deassertion
The OEb function is deasserted by pulling high or writing the I2C OE bit to a logic low. The corresponding output is stopped cleanly and
the final output state is driven low.
5.11 FS Pin
The FS pin will select 0 = 100 MHz, mid = 200 MHz, and 1 = 133 MHz. This is a tri-state pin, which has a weak internal pull-down of
approximately 100 kΩ.
The default output frequency is 100 MHz.
5.12 SS_EN Pin
The SS_EN pin will select 0 = –0.25% spread, mid = Spread is off, and 1 = –0.5% spread. This is a tri-state pin, which has a weak
internal pull-up of approximately 100 kΩ.
The default is –0.5% spread.
5.13 Recommendations for Driving Tri-State Pins
VDD
R1
R2
Si522xx
Tri-State Pin
(FS/SS_EN)
1 KΩ
1 KΩ
Static Option
User can remove either R1, R2, or
neither to constantly maintain low,
high, or mid levels respectively
VDD
1 KΩ
1 KΩ
Tri-State Dynamic Option
User can use a MCU with strong Tri-State
outputs to drive the Tri-State input pin. 1 KΩ
resistors should be adequate for most MCU
drivers.
3-Level Dynamic Option
A MCU with 3-level output capability
can be directly connected to the Tri-
State input pin to drive it either low,
high, or mid level.
MCU
With Tri-State Outputs
(0, High Z and VDD)
MCU
With Tri-State Outputs
(0, VDD/2 and VDD)
Si522xx
Tri-State Pin
(FS/SS_EN)
Si522xx
Tri-State Pin
(FS/SS_EN)
Figure 5.7. Tri-State Pin Schematics
Data Sheet
Functional Description
silabs.com | Building a more connected world.
Rev. 1.0 | 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com