Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 35 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 35 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 31Page - Silicon Laboratories SW52212 Datasheet HTML 32Page - Silicon Laboratories SW52212 Datasheet HTML 33Page - Silicon Laboratories SW52212 Datasheet HTML 34Page - Silicon Laboratories SW52212 Datasheet HTML 35Page - Silicon Laboratories SW52212 Datasheet HTML 36Page - Silicon Laboratories SW52212 Datasheet HTML 37Page - Silicon Laboratories SW52212 Datasheet HTML 38Page - Silicon Laboratories SW52212 Datasheet HTML 39Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
Bit
Name
If Bit = 0
If Bit = 1
Type
Default
Function
1
REF_SLR
RW
0
REF Output Slew Rate Control 00 =
Slowest; 01 = Slow; 10 = Fast; 11 =
Fastest
0
RW
1
Table 8.7. Control Register 3. Byte 3
Bit
Name
If Bit = 0
If Bit = 1
Type
Default
Function
7
SR_SEL_DIFF7
Slow setting
Fast setting
RW
1
Slew rate control for DIFF7
6
SR_SEL_DIFF6
Slow setting
Fast setting
RW
1
Slew rate control for DIFF6
5
SR_SEL_DIFF5
Slow setting
Fast setting
RW
1
Slew rate control for DIFF5
4
SR_SEL_DIFF4
Slow setting
Fast setting
RW
1
Slew rate control for DIFF4
3
SR_SEL_DIFF3
Slow setting
Fast setting
RW
1
Slew rate control for DIFF3
2
SR_SEL_DIFF2
Slow setting
Fast setting
RW
1
Slew rate control for DIFF2
1
SR_SEL_DIFF1
Slow setting
Fast setting
RW
1
Slew rate control for DIFF1
0
SR_SEL_DIFF0
Slow setting
Fast setting
RW
1
Slew rate control for DIFF0
Table 8.8. Control Register 4. Byte 4
Bit
Name
If Bit = 0
If Bit = 1
Type
Default
Function
7
SR_SEL_DIFF11
Slow setting
Fast setting
RW
1
Slew rate control for DIFF11
6
SR_SEL_DIFF10
Slow setting
Fast setting
RW
1
Slew rate control for DIFF10
5
SR_SEL_DIFF9
Slow setting
Fast setting
RW
1
Slew rate control for DIFF9
4
SR_SEL_DIFF8
Slow setting
Fast setting
RW
1
Slew rate control for DIFF8
3
AMP
RW
1
DIFF Differential Outputs Amplitude
Adjustment.
0110 : 600 mV
0111 : 650 mV
1000 : 700 mV
1001 : 750 mV
1010 : 800 mV
1011 : 850 mV
2
AMP
RW
0
1
AMP
RW
0
0
AMP
RW
0
Table 8.9. Control Register 5. Byte 5
Bit
Name
If Bit = 0
If Bit = 1
Type
Default
Function
7
Rev Code [7:4]
R
0
Revision Code
6
R
0
5
R
0
4
R
0
Data Sheet
Control Registers
silabs.com | Building a more connected world.
Rev. 1.0 | 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com