Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 18 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 14Page - Silicon Laboratories SW52212 Datasheet HTML 15Page - Silicon Laboratories SW52212 Datasheet HTML 16Page - Silicon Laboratories SW52212 Datasheet HTML 17Page - Silicon Laboratories SW52212 Datasheet HTML 18Page - Silicon Laboratories SW52212 Datasheet HTML 19Page - Silicon Laboratories SW52212 Datasheet HTML 20Page - Silicon Laboratories SW52212 Datasheet HTML 21Page - Silicon Laboratories SW52212 Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
Table 4.5. Thermal Conditions
Parameter
Symbol
Test Condition
Value
Units
Si52202 - 20-QFN
Thermal Resistance, Junction to Ambient1
θJA
Still Air
Air Flow 1 m/s
Air Flow 2 m/s
60
56
54.4
°C/W
Thermal Resistance, Junction to Case1
θJC
10.8
°C/W
Thermal Resistance, Junction to Board1
θJB
34.1
°C/W
Thermal Resistance, Junction to Top Center1
ΨJT
3.1
°C/W
Thermal Resistance, Junction to Board1
ΨJB
33.9
°C/W
Si52204 - 32-QFN
Thermal Resistance, Junction to Ambient2
θJA
Still Air
Air Flow 1 m/s
Air Flow 2 m/s
50.3
47
45.6
°C/W
Thermal Resistance, Junction to Case2
θJC
10.3
°C/W
Thermal Resistance, Junction to Board2
θJB
30.9
°C/W
Thermal Resistance, Junction to Top Center2
ΨJT
2.3
°C/W
Thermal Resistance, Junction to Board2
ΨJB
30.9
°C/W
Si52208 - 48-QFN
Thermal Resistance, Junction to Ambient3
θJA
Still Air
Air Flow 1 m/s
Air Flow 2 m/s
27.9
24.5
23.5
°C/W
Thermal Resistance, Junction to Case3
θJC
17
°C/W
Thermal Resistance, Junction to Board3
θJB
13.4
°C/W
Thermal Resistance, Junction to Top Center3
ΨJT
0.5
°C/W
Thermal Resistance, Junction to Board3
ΨJB
13.1
°C/W
Si52212 - 64-QFN
Thermal Resistance, Junction to Ambient4
θJA
Still Air
Air Flow 1 m/s
Air Flow 2 m/s
27.2
23.9
22.5
°C/W
Thermal Resistance, Junction to Case4
θJC
13.7
°C/W
Thermal Resistance, Junction to Board4
θJB
14.4
°C/W
Thermal Resistance, Junction to Top Center4
ΨJT
0.5
°C/W
Thermal Resistance, Junction to Board4
ΨJB
14.2
°C/W
Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.0 | 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com