Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 30 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 30 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 26Page - Silicon Laboratories SW52212 Datasheet HTML 27Page - Silicon Laboratories SW52212 Datasheet HTML 28Page - Silicon Laboratories SW52212 Datasheet HTML 29Page - Silicon Laboratories SW52212 Datasheet HTML 30Page - Silicon Laboratories SW52212 Datasheet HTML 31Page - Silicon Laboratories SW52212 Datasheet HTML 32Page - Silicon Laboratories SW52212 Datasheet HTML 33Page - Silicon Laboratories SW52212 Datasheet HTML 34Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
8.4 Block Write
After the slave address is sent with the R/W condition bit not set, the command byte is sent with the MSB = 0. The lower seven bits
indicate the register at which to start the transfer. If the command byte is 00h, the slave device will be compatible with existing block
mode slave devices. The next byte of a block write must be the count of bytes that the master will transfer to the slave device. The byte
count must be greater than zero and less than 7. Following this byte are the data bytes to be transferred to the slave device. The slave
device always acknowledges each byte received. The transfer is terminated after the slave sends the Ack and the master sends a stop
function.
Slave Address
T
Wr
A
Command
Command bit
starT
Condition
Block Write Protocol
Acknowledge
Register # to
write
MSB = 0
1
7
1 1
8
Master to
Slave to
A
1
Data Byte 0 A Data Byte 1 A P
1
8
1
8
1 1
stoP Condition
Byte Count = 2 A
8
Figure 8.2. Block Write Protocol
8.5 Byte Read/Write
Reading or writing a register in an I2C slave device in byte mode always involves specifying the register number. Refer to Table
8.3 Byte Read and Byte Write Protocol on page 33 for byte read and byte write protocol.
8.6 Byte Read
The standard byte read is as shown in the figure below. It is an extension of the byte write. The write start condition is repeated; then,
the slave device starts sending data, and the master acknowledges it until the last byte is sent. The master terminates the transfer with
a NAK, then a stop condition. For byte operation, the MSB bit of the command byte must be set. For block operations, the MSB bit must
be set low. If the bit is not set low, the next byte must be the byte transfer count.
Slave
T
Wr
A Command
Slave
A
Rd
Data Byte 0
N P
A r
Command
starT
Condition
Byte Read Protocol
Acknowledge
repeat starT
Not ack
stoP
Condition
Register # to
read
MSB bit = 1
1
7
1 1
8
1 1
7
1
1
8
1 1
Master to
Slave to
Figure 8.3. Byte Read Protocol
Data Sheet
Control Registers
silabs.com | Building a more connected world.
Rev. 1.0 | 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com