Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 33 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 29Page - Silicon Laboratories SW52212 Datasheet HTML 30Page - Silicon Laboratories SW52212 Datasheet HTML 31Page - Silicon Laboratories SW52212 Datasheet HTML 32Page - Silicon Laboratories SW52212 Datasheet HTML 33Page - Silicon Laboratories SW52212 Datasheet HTML 34Page - Silicon Laboratories SW52212 Datasheet HTML 35Page - Silicon Laboratories SW52212 Datasheet HTML 36Page - Silicon Laboratories SW52212 Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
Table 8.3. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
8:2
Slave address–7 bits
8:2
Slave address–7 bits
9
Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
18:11
Command Code–8 bits
18:11
Command Code–8 bits
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Data byte–8 bits
20
Repeated start
28
Acknowledge from slave
27:21
Slave address–7 bits
29
Stop
28
Read
29
Acknowledge from slave
37:30
Data from slave–8 bits
38
NOT Acknowledge
39
Stop
Data Sheet
Control Registers
silabs.com | Building a more connected world.
Rev. 1.0 | 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com