Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 29 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 25Page - Silicon Laboratories SW52212 Datasheet HTML 26Page - Silicon Laboratories SW52212 Datasheet HTML 27Page - Silicon Laboratories SW52212 Datasheet HTML 28Page - Silicon Laboratories SW52212 Datasheet HTML 29Page - Silicon Laboratories SW52212 Datasheet HTML 30Page - Silicon Laboratories SW52212 Datasheet HTML 31Page - Silicon Laboratories SW52212 Datasheet HTML 32Page - Silicon Laboratories SW52212 Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
8. Control Registers
8.1 I2C Interface
To enhance the flexibility and function of the clock synthesizer, an I2C interface is provided. Through the I2C interface, various device
functions, such as individual clock output buffers, are individually enabled or disabled. The registers associated with the I2C interface
initialize to their default setting at power-up. The use of this interface is optional. Clock device register changes are normally made at
system initialization, if any are required.
8.2 Block Read/Write
The clock driver I2C protocol accepts block write and block read operations from the controller. For block write/read operation, access
the bytes in sequential order from lowest to highest (most significant bit first) with the ability to stop after any complete byte is transfer-
red. The block write and block read protocol is outlined in Table 8.2 Block Read and Block Write Protocol on page 32.
8.3 Block Read
After the slave address is sent with the R/W condition bit set, the command byte is sent with the MSB = 0. The slave acknowledges the
register index in the command byte. The master sends a repeat start function. After the slave acknowledges this, the slave sends the
number of bytes it wants to transfer (>0 and <7). The master acknowledges each byte except the last and sends a stop condition.
Slave
T
Wr
A Command Code
Command
starT
Condition
Block Read Protocol
Acknowledge
repeat starT
Register # to
read
MSB = 0
1
7
1 1
8
Master to
Slave to
Slave
A
Rd
A r
1 1
7
1
1
Data Byte A
Data Byte 0 A Data Byte 1 N P
8
1
8
1
8
1 1
Not acknowledge
stoP Condition
Figure 8.1. Block Read Protocol
Data Sheet
Control Registers
silabs.com | Building a more connected world.
Rev. 1.0 | 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com