Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 19 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 15Page - Silicon Laboratories SW52212 Datasheet HTML 16Page - Silicon Laboratories SW52212 Datasheet HTML 17Page - Silicon Laboratories SW52212 Datasheet HTML 18Page - Silicon Laboratories SW52212 Datasheet HTML 19Page - Silicon Laboratories SW52212 Datasheet HTML 20Page - Silicon Laboratories SW52212 Datasheet HTML 21Page - Silicon Laboratories SW52212 Datasheet HTML 22Page - Silicon Laboratories SW52212 Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
Parameter
Symbol
Test Condition
Value
Units
Note:
1. Based on a 4 layer, PCB with Dimension 3"x4.5". PCB Thickness of 1.6mm. PCB Center Land with 4 Via to top plane.
2. Based on PCB with dimension 3" x 4.5", PCB Thickness of 1.6 mm. PCB Center Land with 4 Via to top plane.
3. Based on 4 layer PCB with dimension 3" x 4.5", PCB Thickness of 1.6 mm. PCB Center Land with 9 Via to top plane.
4. Based on 4 Layer PCB with dimension 3" x 4.5", PCB Thickness of 1.6 mm. PCB Center Land with 25 Via to top plane.
Table 4.6. Absolute Maximum Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Main Supply Voltage
VDD_1.8V
Functional
—
—
2.5
V
Input Voltage
VIN
Relative to VSS
–0.5
—
VDD + 0.5
V
Input High Voltage I2C
VIH_I2C
SDATA and SCLK
—
3.6
V
Temperature, Storage
TS
Non-functional
–65
—
150
Celsius
Temperature, Operating Ambient
TA
Functional
–40
—
85
Celsius
Temperature, Junction
TJ
Functional
—
—
125
Celsius
ESD Protection
(Human Body Model)
ESDHBM
JEDEC
(JESD 22-A114)
–2000
—
2000
V
Flammability Rating
UL-94
UL (Class)
V–0
Note: While using multiple power supplies, the voltage on any input or I/O pin cannot exceed the power pin during power-up. Power
supply sequencing is not required.
Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.0 | 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com