Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 6Page - Silicon Laboratories SW52212 Datasheet HTML 7Page - Silicon Laboratories SW52212 Datasheet HTML 8Page - Silicon Laboratories SW52212 Datasheet HTML 9Page - Silicon Laboratories SW52212 Datasheet HTML 10Page - Silicon Laboratories SW52212 Datasheet HTML 11Page - Silicon Laboratories SW52212 Datasheet HTML 12Page - Silicon Laboratories SW52212 Datasheet HTML 13Page - Silicon Laboratories SW52212 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamic Supply Current
IDD_1.5V_Total
All outputs enabled. Differential
clocks with 5” traces and 2 pF
load.
—
32
37
mA
IDD_OP
VDD, except VDDA and VDD_IO,
all differential outputs active at 100
MHz
—
9.5
11
mA
IDD_AOP
VDDA, all differential outputs ac-
tive at 100 MHz
—
7
8.5
mA
IDD_IOOP
VDD_IO, all differential outputs ac-
tive at 100 MHz
—
15.5
19
mA
Si52202 Current Consumption (VDD = VDDR = VDDX = VDDA = 1.5 V ±5%)
Power Down Current
PWRGD/PWRDNb = "0"
IDD_PD_total
All outputs off
—
1.3
1.8
mA
IDD_PD
VDD, except VDDA and VDD_IO,
all outputs off
—
0.4
1.0
mA
IDD_APD
VDDA, all outputs off
—
0.3
0.75
mA
IDD_IOPD
VDD_IO, all outputs off
—
0.6
0.5
mA
Dynamic Supply Current
IDD_1.5V_Total
All outputs enabled. Differential
clocks with 5” traces and 2 pF
load.
—
22
25.5
mA
IDD_OP
VDD, except VDDA and VDD_IO,
all differential outputs active at 100
MHz
—
7
8
mA
IDD_AOP
VDDA, all differential outputs ac-
tive at 100 MHz
—
7
8.5
mA
IDD_IOOP
VDD_IO, all differential outputs ac-
tive at 100 MHz
—
8
10
mA
Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.0 | 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com