Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 51 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 51 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 47Page - Silicon Laboratories SW52212 Datasheet HTML 48Page - Silicon Laboratories SW52212 Datasheet HTML 49Page - Silicon Laboratories SW52212 Datasheet HTML 50Page - Silicon Laboratories SW52212 Datasheet HTML 51Page - Silicon Laboratories SW52212 Datasheet HTML 52Page - Silicon Laboratories SW52212 Datasheet HTML 53Page - Silicon Laboratories SW52212 Datasheet HTML 54Page - Silicon Laboratories SW52212 Datasheet HTML 55Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
Pin
Name
Type
Description
45
OE_6b
I, PD
Output enable for DIFF_6 pair. (This pin has an internal 100 kΩ pull-
down.) 0 = Enable outputs; 1 = Disable outputs.
46
OE_7b
I, PD
Output enable for DIFF_7 pair. (This pin has an internal 100 kΩ pull-
down.) 0 = Enable outputs; 1 = Disable outputs.
47
DIFF_7
O, DIF
0.7 V, 100 MHz differential clock.
48
DIFF_7b
O, DIF
0.7 V, 100 MHz differential clock.
GND PAD
GND
Ground pad. This pad provides an electrical and thermal connection to
ground and must be connected for proper operation. Use as many vias as
practical, and keep the via length to an internal ground plane as short as
possible.
Data Sheet
Pin Descriptions
silabs.com | Building a more connected world.
Rev. 1.0 | 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com