Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 23 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 19Page - Silicon Laboratories SW52212 Datasheet HTML 20Page - Silicon Laboratories SW52212 Datasheet HTML 21Page - Silicon Laboratories SW52212 Datasheet HTML 22Page - Silicon Laboratories SW52212 Datasheet HTML 23Page - Silicon Laboratories SW52212 Datasheet HTML 24Page - Silicon Laboratories SW52212 Datasheet HTML 25Page - Silicon Laboratories SW52212 Datasheet HTML 26Page - Silicon Laboratories SW52212 Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
5.6 PWRDNb (Power Down) Assertion
The PWRDNb pin is an asynchronous active low input used to disable all output clocks in a glitch-free manner. In power down mode, all
outputs, the crystal oscillator, and the I2C logic are disabled. In cases where the REF PWRDN (Byte 2, bit 2) is set to 1, the crystal
oscillator and REF output will still be enabled. All disabled outputs will be driven low.
Figure 5.5. PWRDNb Assertion
5.7 PWRDNb (Power Down) Deassertion
When a valid rising edge on PWRGD/PWRDNb pin is applied, all outputs are enabled in a glitch-free manner within 520 µs.
Figure 5.6. Subsequent Deassertion of PWRDNb
5.8 OEb Pin
The OEb pin is an active low input used to enable and disable the output clock. To enable the output clock, the OEb pin needs to be
logic low, and I2C OE bit needs to be logic high. By default, the OEb pin is set to logic low, and I2C OE bit is set to logic high.There are
two methods to disable the output clock: the OEb pin is pulled to a logic high, or the I2C OE bit is set to a logic low. This pin has a 100
kΩ internal pull-down.
5.9 OEb Assertion
The OEb pin is an active low input used for synchronous stopping and starting the respective output clock while the rest of the clock
generator continues to function. The assertion of the OEb function is achieved by pulling the OEb pin low while the I2C OE bit is high,
which causes the respective stopped output to resume normal operation. No short or stretched clock pulses are produced when the
clocks resume.
Data Sheet
Functional Description
silabs.com | Building a more connected world.
Rev. 1.0 | 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com