Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 7Page - Silicon Laboratories SW52212 Datasheet HTML 8Page - Silicon Laboratories SW52212 Datasheet HTML 9Page - Silicon Laboratories SW52212 Datasheet HTML 10Page - Silicon Laboratories SW52212 Datasheet HTML 11Page - Silicon Laboratories SW52212 Datasheet HTML 12Page - Silicon Laboratories SW52212 Datasheet HTML 13Page - Silicon Laboratories SW52212 Datasheet HTML 14Page - Silicon Laboratories SW52212 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
Table 4.2. DC Electrical Specifications (VDD = 1.8 V ±5%)
VDD = VDDR = VDDX = VDDA = 1.8 V ±5%
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
1.8 V Operating Voltage
VDD
1.8 V ±5%
1.71
1.8
1.89
V
Output Supply Voltage
VDD_IO
Supply voltage for differential Low
Power outputs
0.9975
1.05–1.8
1.9
V
1.8 V Input High Voltage
VIH
Control input pins, except SDATA,
SCLK
0.75 VDD
—
VDD+0.3
V
1.8 V Input Mid Voltage
VIM
Tri-level control input pins, except
SDATA, SCLK
0.4 VDD
0.5 VDD
0.6 VDD
V
1.8 V Input Low Voltage
VIL
Control input pins, except SDA-
TA,SCLK
-0.3
—
0.25 VDD
V
Input High Voltage
VIHI2C
SDATA, SCLK
1.11
—
3.3
V
Input Low Voltage
VILI2C
SDATA, SCLK
—
—
0.6
V
SDATA, SCLK Sink Current
IPULLUP
At VOL
4
—
mA
Input current
IIN
Single-ended inputs, VIN = GND,
VIN = VDD
–5
—
5
uA
IINP
Single-ended inputs, VIN = 0V, in-
puts with internal pull-up resistors
VIN = VDD, inputs with internal
pull-down resistors
–200
—
200
uA
Input Pin Capacitance
CIN
1.5
—
5
pF
Output Pin Capacitance
COUT
—
—
6
pF
Pin Inductance
LIN
—
—
7
nH
Si52212 Current Consumption (VDD = VDDR = VDDX = VDDA = 1.8 V ±5%)
Power Down Current
PWRGD/PWRDNb = "0"
Byte 2, bit 2 = 0
IDD_PD_total
All outputs off
—
1.4
2.9
mA
IDD_PD
VDD, except VDDA and VDD_IO,
all outputs off
—
0.5
2.0
mA
IDD_APD
VDDA, all outputs off
—
0.6
0.9
mA
IDD_IOPD
VDD_IO, all outputs off
—
0.3
0.65
mA
Wake-on LAN Current
PWRGD/PWRDNb = "0"
Byte 2, bit 2 = 1
IDD_WOL
VDD, except VDDA and VDD_IO,
all differential outputs off, REF
running
—
3.0
4.6
mA
IDD_AWOL
VDDA, all differential outputs off,
REF running
—
0.7
0.9
mA
IDD_IOWOL
VDD_IO, all differential outputs
off, REF running
—
0.5
0.65
mA
Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.0 | 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com