Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 17 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 13Page - Silicon Laboratories SW52212 Datasheet HTML 14Page - Silicon Laboratories SW52212 Datasheet HTML 15Page - Silicon Laboratories SW52212 Datasheet HTML 16Page - Silicon Laboratories SW52212 Datasheet HTML 17Page - Silicon Laboratories SW52212 Datasheet HTML 18Page - Silicon Laboratories SW52212 Datasheet HTML 19Page - Silicon Laboratories SW52212 Datasheet HTML 20Page - Silicon Laboratories SW52212 Datasheet HTML 21Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
Parameter
Symbol
Condition
Min
Typ
Max
Jitter
Limit
Unit
PSNR2
Spurs Induced by External
Power Supply Noise on
VDDA, 100 mVpp Ripple
PSNR1.8V
100 kHz
200 kHz
300 kHz
500 kHz
1 MHz
—
—
—
—
—
–63.4
–61.5
–59.1
–54.5
–50.4
—
—
—
—
—
—
—
—
—
—
dBc
dBc
dBc
dBc
dBc
PSNR1.5V
100 kHz
200 kHz
300 kHz
500 kHz
1 MHz
—
—
—
—
—
–65.9
–63.9
–60.3
–53.5
–46.0
—
—
—
—
—
—
—
—
—
—
dBc
dBc
dBc
dBc
dBc
Intel QPI Specifications for 100 MHz and 133 MHz
Intel QPI and SMI REFCLK
accummulated jitter3, 4
JRMSQPI_SMI
8 Gb/s, 100 MHz, 12UI
—
0.13
0.22
0.3
ps
(RMS)
Intel QPI and SMI REFCLK
accummulated jitter3, 4
JRMSQPI_SMI
9.6 Gb/s, 100 MHz, 12UI
—
0.11
0.19
0.2
ps
(RMS)
Intel QPI & SMI REFCLK
accummulated jitter3, 6
JRMSQPI_SMI
6.4 Gb/s, 100/133 MHz, 12UI, 7.8M
—
0.15
0.35
0.5
ps
(RMS)
Note:
1. The SRIS jitter limit is the system RefClk simulation budget divided by sqrt (2) for equal allocation of uncorrelated jitter between
two clocks.
2. For PSNR testing methodology, please see "AN491: Power Supply Rejection for Low-Jitter Clocks".
3. Post processed evaluation through Intel supplied Matlab scripts.
4. Measuring on 100 MHz output using the template file in the PCIe Jitter Tool.
5. Based on PCI Express® Base Specifications Revision 5.0 Version 0.7.
6. Measuring on 100 MHz, 133 MHz outputs using the template file in the PCIe Jitter Tool. Visit www.pcisig.com for complete PCIe
specifications.
Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.0 | 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com