Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 53 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 53 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 49Page - Silicon Laboratories SW52212 Datasheet HTML 50Page - Silicon Laboratories SW52212 Datasheet HTML 51Page - Silicon Laboratories SW52212 Datasheet HTML 52Page - Silicon Laboratories SW52212 Datasheet HTML 53Page - Silicon Laboratories SW52212 Datasheet HTML 54Page - Silicon Laboratories SW52212 Datasheet HTML 55Page - Silicon Laboratories SW52212 Datasheet HTML 56Page - Silicon Laboratories SW52212 Datasheet HTML 57Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
Pin #
Name
Type
Description
18
DIFF_1b
O, DIF
0.7 V, 100 MHz differential clock
19
VDD
PWR
Power supply
20
NC
NC
No connect
21
DIFF_2
O, DIF
0.7 V, 100 MHz differential clock
22
DIFF_2b
O, DIF
0.7 V, 100 MHz differential clock
23
OE_2b
I, PD
Output enable for DIFF_2 pair. (This pin has an internal 100 kΩ pull-down.) 0 = En-
able outputs; 1 = Disable outputs
24
VDD_IO
PWR
Output power supply
25
DIFF_3
O, DIF
0.7 V, 100 MHz differential clock
26
DIFF_3b
O, DIF
0.7 V, 100 MHz differential clock
27
OE_3b
I, PD
Output enable for DIFF_3 pair. (This pin has an internal 100 kΩ pull-down.) 0 = En-
able outputs; 1 = Disable outputs
28
NC
NC
No connect
29
VDD
PWR
Power supply
30
NC
NC
No connect
31
VDDA
PWR
Analog Power Supply
32
GNDA
PWR
Analog Ground
GND PAD
GND
Ground pad. This pad provides an electrical and thermal connection to ground and
must be connected for proper operation. Use as many vias as practical, and keep
the via length to an internal ground plane as short as possible.
Data Sheet
Pin Descriptions
silabs.com | Building a more connected world.
Rev. 1.0 | 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com