Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 70 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 70 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 63Page - Silicon Laboratories SW52212 Datasheet HTML 64Page - Silicon Laboratories SW52212 Datasheet HTML 65Page - Silicon Laboratories SW52212 Datasheet HTML 66Page - Silicon Laboratories SW52212 Datasheet HTML 67Page - Silicon Laboratories SW52212 Datasheet HTML 68Page - Silicon Laboratories SW52212 Datasheet HTML 69Page - Silicon Laboratories SW52212 Datasheet HTML 70Page - Silicon Laboratories SW52212 Datasheet HTML 71Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 70 / 71 page
background image
11. Revision History
Revision 1.0
March, 2019
• Updated 2. Ordering Guide with new 4-output and 2-output part numbers.
• Updated 4. Electrical Specifications.
• Updated Table 4.1 DC Electrical Specifications (VDD = 1.5 V ±5%) on page 8.
• Updated Table 4.2 DC Electrical Specifications (VDD = 1.8 V ±5%) on page 11.
• Updated Table 4.3 AC Electrical Specifications on page 14.
• Updated Table 4.4 PCIe and Intel QPI Jitter Specifications on page 16.
• Added 5.4 Power Supply Filtering Recommendations.
• Updated 5.5 PWRGD/PWRDNb (Power Down) Pin.
• Updated 5.6 PWRDNb (Power Down) Assertion.
• Updated 5.7 PWRDNb (Power Down) Deassertion.
• Updated 5.8 OEb Pin.
• Updated 5.11 FS Pin.
• Added 5.12 SS_EN Pin.
• Added 5.13 Recommendations for Driving Tri-State Pins.
• Added 5.14 REF/SA Pin.
• Updated 8.3 Block Read.
• Updated 8.4 Block Write.
• Updated 8.6 Byte Read.
• Updated 8.7 Byte Write.
• Updated 8.8 Data Protocol.
• Updated 8.9 Register Tables.
• Updated 9. Pin Descriptions.
Revision 0.7
September, 2017
• Initial Release.
Data Sheet
Revision History
silabs.com | Building a more connected world.
Rev. 1.0 | 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com