Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 37 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 37 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 33Page - Silicon Laboratories SW52212 Datasheet HTML 34Page - Silicon Laboratories SW52212 Datasheet HTML 35Page - Silicon Laboratories SW52212 Datasheet HTML 36Page - Silicon Laboratories SW52212 Datasheet HTML 37Page - Silicon Laboratories SW52212 Datasheet HTML 38Page - Silicon Laboratories SW52212 Datasheet HTML 39Page - Silicon Laboratories SW52212 Datasheet HTML 40Page - Silicon Laboratories SW52212 Datasheet HTML 41Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
8.9.2 Si52208 Registers
Table 8.11. Control Register 0. Byte 0
Bit
Name
If Bit = 0
If Bit = 1
Type
Default
Function
7
Reserved
0
Reserved
6
DIFF4_OE
Disabled
Enabled
RW
1
Output enable for DIFF_4
5
DIFF3_OE
Disabled
Enabled
RW
1
Output enable for DIFF_3
4
Reserved
0
Reserved
3
Reserved
0
Reserved
2
DIFF2_OE
Disabled
Enabled
RW
1
Output enable for DIFF_2
1
DIFF1_OE
Disabled
Enabled
RW
1
Output enable for DIFF_1
0
DIFF0_OE
Disabled
Enabled
RW
1
Output enable for DIFF_0
Table 8.12. Control Register 1. Byte 1
Bit
Name
If Bit = 0
If Bit = 1
Type
Default
Function
7
DIFF7_OE
Disabled
Enabled
RW
1
Output enable for DIFF_7
6
DIFF6_OE
Disabled
Enabled
RW
1
Output enable for DIFF_6
5
Reserved
0
Reserved
4
DIFF5_OE
Disabled
Enabled
RW
1
Output enable for DIFF_5
3
Reserved
0
Reserved
2
0
1
SS_EN_READ1
R
0
Spread Enable software readback
00 = –0.25%; 01 = OFF; 10 = OFF;
11 = –0.5%
The value of SS_EN_READ is
latched on power-up.
0
SS_EN_READ0
R
0
Table 8.13. Control Register 2. Byte 2
Bit
Name
If Bit = 0
If Bit = 1
Type
Default
Function
7
SS_EN_SW_HW_CTRL
Read back Byte
1[1:0]
SS control by
Byte 2 [6:5]
RW
0
Enable software control of spread
6
SS_EN_SW1
RW
0
Software control of spread 00 = –
0.25%; 01 = OFF; 10 = OFF; 11 = –
0.5%
5
SS_EN_SW0
RW
1
4
Reserved
0
Reserved
3
REF_OE
Disabled
Enabled
RW
1
Output Enable for REF
2
REF PWRDN
REF output is
disabled in Pow-
er Down.
REF output is
enabled in Pow-
er Down
RW
0
Wake-on LAN for REF. To have REF
output enabled in Power Down,
REF_OE needs to be enabled at the
same time.
1
REF_SLR
RW
0
REF Output Slew Rate Control 00 =
Slowest; 01 = Slow; 10 = Fast; 11 =
Fastest
0
RW
1
Data Sheet
Control Registers
silabs.com | Building a more connected world.
Rev. 1.0 | 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com