Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW52212 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 17Page - Silicon Laboratories SW52212 Datasheet HTML 18Page - Silicon Laboratories SW52212 Datasheet HTML 19Page - Silicon Laboratories SW52212 Datasheet HTML 20Page - Silicon Laboratories SW52212 Datasheet HTML 21Page - Silicon Laboratories SW52212 Datasheet HTML 22Page - Silicon Laboratories SW52212 Datasheet HTML 23Page - Silicon Laboratories SW52212 Datasheet HTML 24Page - Silicon Laboratories SW52212 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
5.3 Calculating Load Capacitors
In addition to the standard external trim capacitors, consider the trace capacitance and pin capacitance to calculate the crystal loading
correctly. The total capacitance on both sides is twice the specified crystal load capacitance (CL). Trim capacitors are calculated to
provide equal capacitive loading on both sides.
Clock Chip
Ce1
Ce2
Cs1
Cs2
X1
X2
Ci1
Ci2
Pin
3 to 6 pF
Trace
2.8 pF
Trim
7-24 pF
XTAL
Figure 5.2. Crystal Loading Example
Use the following formulas to calculate the trim capacitor values for Ce1 and Ce2:
Load Capacitance (each side)
Ce = 2 × CL − (Cs + Ci)
Total Capacitance (as seen by the crystal)
CLe =
1
(
1
Ce + Cs1 + Ci1
+
1
Ce2 + Cs2 + Ci2 )
• CL: Crystal load capacitance
• CLe: Actual loading seen by crystal using standard value trim capacitors
• Ce: External trim capacitors
• Cs: Stray capacitance (terraced)
• Ci : Internal capacitance (lead frame, bond wires, etc.)
Data Sheet
Functional Description
silabs.com | Building a more connected world.
Rev. 1.0 | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com