Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C64X-15SC Datasheet (PDF) - ATMEL Corporation

AT28C64X-15SC Datasheet PDF - ATMEL Corporation
Part # AT28C64X-15SC
Download  AT28C64X-15SC Download
File Size   324.7 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 64K (8K x 8) CMOS E2PROM

AT28C64X-15SC Datasheet (PDF)

Go To PDF Page Download Datasheet
AT28C64X-15SC Datasheet PDF - ATMEL Corporation

Part # AT28C64X-15SC
Download  AT28C64X-15SC Click to download

File Size   324.7 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 64K (8K x 8) CMOS E2PROM

AT28C64X-15SC Datasheet (HTML) - ATMEL Corporation


AT28C64X-15SC Product details

Description
The AT28C64 is a low-power, high-performance 8,192 words by 8-bit nonvolatile electrically erasable and programmable read only memory with popular, easy-to-use features. The device is manufactured with Atmel’s reliable nonvolatile technology.

Features
• Fast Read Access Time – 120 ns
• Fast Byte Write – 200 µs or 1 ms
• Self-timed Byte Write Cycle
   – Internal Address and Data Latches
   – Internal Control Timer
   – Automatic Clear Before Write
• Direct Microprocessor Control
   – READY/BUSY Open Drain Output
   – DATA Polling
• Low Power
   – 30 mA Active Current
   – 100 µA CMOS Standby Current
• High Reliability
   – Endurance: 104 or 105 Cycles
   – Data Retention: 10 Years
• 5V ± 10% Supply
• CMOS and TTL Compatible Inputs and Outputs
• JEDEC Approved Byte-wide Pinout
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT28C64X-15SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64X ATMEL-AT28C64X_14 Datasheet
324Kb / 12P
Fast Read Access Time
More results


Similar Description - AT28C64X-15SC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64 Datasheet
410Kb / 8P
64K 8K x 8 Battery-Voltage CMOS E2PROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
64K (8K x 8) CMOS EEPROM
1996
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Microchip Technology
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com