Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110G19 Datasheet (PDF) - Anderson Power Products, Inc.

110G19 Datasheet PDF - Anderson Power Products, Inc.
Part # 110G19
Download  110G19 Download
File Size   885.07 Kbytes
Page   6 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description Powerpole® Connectors PP120 - Up to 240 Amps

110G19 Datasheet (PDF)

Go To PDF Page Download Datasheet
110G19 Datasheet PDF - Anderson Power Products, Inc.

Part # 110G19
Download  110G19 Click to download

File Size   885.07 Kbytes
Page   6 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description Powerpole® Connectors PP120 - Up to 240 Amps

110G19 Datasheet (HTML) - Anderson Power Products, Inc.


110G19 Product details

PP120 series Powerpole® housings are designed to
accommodate up to 1/0 AWG (50 mm²) wires and
handle high currents up to 240 amps. Reducing
bushings allow PP120 to accept down to 8 AWG
(10 mm²) wires. Multiple colors of stackable housings
combine with low resistance flat wiping technology to
offer powerful connection capability.
• Large Wire Range Accommodates up to
1/0 (50 mm²) Wire
Reducing bushings allow as small as 8 (10 mm²) wire to be used
• Low Resistance Silver Plated Copper Contacts
Allows currents up to 240 amps
• UL Rated for Hot Plugging up to 60 Amps
Great for battery or other applications where the ability to
interrupt circuits is required




Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
110G19 ETC2-110G19 Datasheet
18Mb / 108P
POWERPOLE&MULTIPOLE
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
More results


Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBS75XPRBLK ETC2-SBS75XPRBLK Datasheet
1Mb / 8P
SBS짰 Connectors - up to 110 amps
75BBS ETC2-75BBS Datasheet
1Mb / 8P
Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com