Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110G19 Datasheet (PDF) - Anderson Power Products, Inc.

110G19 Datasheet PDF - Anderson Power Products, Inc.
Part # 110G19
Download  110G19 Download
File Size   1194.18 Kbytes
Page   9 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description Powerpole® Connectors PP75 - Up to 120 Amps

110G19 Datasheet (PDF)

Go To PDF Page Download Datasheet
110G19 Datasheet PDF - Anderson Power Products, Inc.

Part # 110G19
Download  110G19 Click to download

File Size   1194.18 Kbytes
Page   9 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description Powerpole® Connectors PP75 - Up to 120 Amps

110G19 Datasheet (HTML) - Anderson Power Products, Inc.


110G19 Product details

PP75 series Powerpole® housings can be used for wire-to-wire,
wire-to-board, and wire-to-busbar applications. Wire sizes
from 16 to 6 AWG (1.3 to 13.3 mm²) offer power capabilities
up to 120 amps per pole. Locking housings offer the capability
to secure Powerpole® housings to each other and to mounting
pads. Housings made from chemical resistant (CR) resin
withstand industrial solvents better than standard housings.

• Large Wire Range Accommodates up to 6 (10 mm²) Wire
Reducing bushings allow as small as 16 AWG (1.5 mm²)
wire to be used
• Wire, PCB, and Busbar Contacts
Allows one connection system to meet multiple needs
• Mini-Powerclaw PCB Contacts Minimize PCB Footprint
Removes the PP75 housing from the board side




Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
110G19 ETC2-110G19 Datasheet
18Mb / 108P
POWERPOLE&MULTIPOLE
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results


Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
Powerpole Connectors PP75 up to 120 Amps
6319 ETC-6319 Datasheet
959Kb / 6P
SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com