Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7804P Datasheet (PDF) - Belden Inc.

7804P Datasheet PDF - Belden Inc.
Part # 7804P
Download  7804P Download
File Size   321.34 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 4 Conductor 20 AWG, Flamarrest® Jacket

7804P Datasheet (PDF)

Go To PDF Page Download Datasheet
7804P Datasheet PDF - Belden Inc.

Part # 7804P
Download  7804P Click to download

File Size   321.34 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 4 Conductor 20 AWG, Flamarrest® Jacket

7804P Datasheet (HTML) - Belden Inc.


7804P Product details

Product Description
Industry Standard SMPTE 311M Cable, 2 Single Mode Fibers, 2 TC Conductors 24 AWG (7x32) and 4 TC Conductors 20 AWG (19x32), PVC Insulation, TC
Braid Shield (95% coverage), Flamarrest® Jacket, Plenum




Similar Part No. - 7804P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7804 ETC2-7804 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Sealevel Systems, Inc.
7804 SEALEVEL-7804 Datasheet
367Kb / 2P
PCI 8-Port RS-232, RS-422, RS-485 Serial Interface
logo
Alpha Wire
78040 ALPHAWIRE-78040 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
logo
Wixroyd Group Ltd
78040 WIXROYD-78040 Datasheet
207Kb / 1P
Cabinet Handles
logo
REMA Lipprandt GmbH & C...
78040-00 REMA-78040-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
More results


Similar Description - 7804P

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2804RW BELDEN-2804RW Datasheet
332Kb / 3P
Indoor/Outdoor Stadium Cable, SMPTE 311M, 2 Fiber, 2 Conductor 24 AWG, 4 Conductor 20 AWG, CPE Jacket
11-09-2022
7804C BELDEN-7804C Datasheet
315Kb / 3P
SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 2 Conductor 16 AWG,Belflex® Jacket, CMR
12-19-2022
7804ELW BELDEN-7804ELW Datasheet
147Kb / 2P
Indoor/Mobile Duty SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 4Conductor 20 AWG, FRNC jacket
01-20-2023
7804LW BELDEN-7804LW Datasheet
333Kb / 3P
Light Duty SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 4 Conductor 20 AWG, Belflex®Jacket
11-09-2022
7804R BELDEN-7804R Datasheet
317Kb / 3P
SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 4 Conductor 20 AWG, Belflex® Jacket, CMR
12-19-2022
7804WB BELDEN-7804WB Datasheet
406Kb / 3P
Industry Standard SMPTE 311M, 2 Fiber, 2 Conductor 24 AWG, 4 Conductor 20 AWG, PE Jacket
11-09-2022
7817A BELDEN-7817A Datasheet
142Kb / 2P
SMPTE 311M Double Jacket, 2 Fiber, 2 Conductor 24 AWG, 4 Conductor 20 AWG
11-09-2022
7818A BELDEN-7818A Datasheet
326Kb / 3P
Harsh Environment SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 4 Conductor 20 AWG, Polyurethane Jacket
12-19-2022
6500FH BELDEN-6500FH Datasheet
150Kb / 2P
Security & Commercial Audio Cable, 2 Conductor 22 AWG, Flamarrest® Jacket, CMP
12-20-2022
6500UH BELDEN-6500UH Datasheet
151Kb / 2P
Security & Commercial Audio Cable, 2 Conductor 22 AWG, Flamarrest® Jacket, CMP
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com