Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6500FH Datasheet (PDF) - Belden Inc.

6500FH Datasheet PDF - Belden Inc.
Part # 6500FH
Download  6500FH Download
File Size   150.59 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Commercial Audio Cable, 2 Conductor 22 AWG, Flamarrest® Jacket, CMP

6500FH Datasheet (PDF)

Go To PDF Page Download Datasheet
6500FH Datasheet PDF - Belden Inc.

Part # 6500FH
Download  6500FH Click to download

File Size   150.59 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Commercial Audio Cable, 2 Conductor 22 AWG, Flamarrest® Jacket, CMP

6500FH Datasheet (HTML) - Belden Inc.


6500FH Product details

Product Description
Security & Commercial Audio Cable, Plenum-CMP, 2-22 AWG stranded tinned copper conductors with Flamarrest® insulation, Beldfoil® shield and
Flamarrest® jacket with ripcord




Similar Part No. - 6500FH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6500FC BELDEN-6500FC Datasheet
180Kb / 2P
Security & Sound, 2 Conductor 22 AWG BC, Shielded, Plenum
12-20-2022
6500FC-8771000 BELDEN-6500FC-8771000 Datasheet
180Kb / 2P
Security & Sound, 2 Conductor 22 AWG BC, Shielded, Plenum
12-20-2022
6500FC-877U1000 BELDEN-6500FC-877U1000 Datasheet
180Kb / 2P
Security & Sound, 2 Conductor 22 AWG BC, Shielded, Plenum
12-20-2022
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6500FE-0031000 BELDEN-6500FE-0031000 Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
More results


Similar Description - 6500FH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7804P BELDEN-7804P Datasheet
321Kb / 3P
SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 4 Conductor 20 AWG, Flamarrest® Jacket
11-09-2022
1325R BELDEN-1325R Datasheet
155Kb / 2P
Security & Commercial Audio, 2 Pair 22 AWG BC, CMR
12-20-2022
6500PE BELDEN-6500PE Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 22 AWG, TC, CMP
05-01-2023
6500UH BELDEN-6500UH Datasheet
151Kb / 2P
Security & Commercial Audio Cable, 2 Conductor 22 AWG, Flamarrest® Jacket, CMP
12-20-2022
6501FH BELDEN-6501FH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 22 AWG, TC, CMP
12-20-2022
1325A BELDEN-1325A Datasheet
158Kb / 2P
Security & Sound, 2 Pr #22 Str TC, Ind. Foil Shielded, Flamarrest® Jkt, CMP
04-28-2023
6502UH BELDEN-6502UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 22 AWG, TC, CMP
12-20-2022
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6501UH BELDEN-6501UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 22 AWG, TC, CMP
12-20-2022
6500UE BELDEN-6500UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, CMP
05-01-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com