Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC162245ADL Datasheet (PDF) - NXP Semiconductors

VC162245ADL Datasheet PDF - NXP Semiconductors
Part # VC162245ADL
Download  VC162245ADL Download
File Size   84.87 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State

VC162245ADL Datasheet (PDF)

Go To PDF Page Download Datasheet
VC162245ADL Datasheet PDF - NXP Semiconductors

Part # VC162245ADL
Download  VC162245ADL Click to download

File Size   84.87 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State

VC162245ADL Datasheet (HTML) - NXP Semiconductors


VC162245ADL Product details

DESCRIPTION

The 74LVC(H)162245A is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.

Inputs can be driven from either 3.3 or 5 V devices. In 3-state operation, outputs can handle 5 V. These features allow the use of these devices as translators in a mixed 3.3 and 5 V environment.

The 74LVC(H)162245A is a 16-bit transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions.



FEATURES

• 5 V tolerant inputs/outputs for interfacing with 5 V logic

• Wide supply voltage range from 1.2 to 3.6 V

• CMOS low power consumption

• MULTIBYTETM flow-through standard pin-out architecture

• Low inductance multiple power and ground pins for minimum noise and ground bounce

• Direct interface with TTL levels

• Inputs accept voltages up to 5.5 V

• Integrated 30 Ω termination resistors

• High-impedance when VCC = 0 V

• All data inputs have bushold (74LVCH162245A only)

• Complies with JEDEC standard no. 8-1A

• ESD protection:

   HBM EIA/JESD22-A114-A exceeds 2000 V

   MM EIA/JESD22-A115-A exceeds 200 V.

• Specified from −40 to +85 °C and −40 to +125 °C.



 




Similar Part No. - VC162245ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VC162244ADGG PHILIPS-VC162244ADGG Datasheet
79Kb / 10P
16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
VC162244ADL PHILIPS-VC162244ADL Datasheet
79Kb / 10P
16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
More results


Similar Description - VC162245ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVCH162245 PHILIPS-74ALVCH162245 Datasheet
94Kb / 11P
16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
1998 Jun 29
74LVC162244A PHILIPS-74LVC162244A Datasheet
79Kb / 10P
16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
STMicroelectronics
74LVX16245 STMICROELECTRONICS-74LVX16245 Datasheet
248Kb / 10P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5V TOLERANT INPUTS
logo
NXP Semiconductors
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
logo
Nexperia B.V. All right...
74LVC162245A-Q100 NEXPERIA-74LVC162245A-Q100 Datasheet
237Kb / 14P
16-bit transceiver with direction pin; 30 廓 series termination resistors; 5 V tolerant input/output; 3-state
74LVCH162245A NEXPERIA-74LVCH162245A Datasheet
257Kb / 14P
16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com