Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

916 Datasheet (PDF) - Anderson Power Products, Inc.

916 Datasheet PDF - Anderson Power Products, Inc.
Part # 916
Download  916 Download
File Size   1100.8 Kbytes
Page   6 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description SB® 350 Connectors Up to 500 Amps

916 Datasheet (PDF)

Go To PDF Page Download Datasheet
916 Datasheet PDF - Anderson Power Products, Inc.

Part # 916
Download  916 Click to download

File Size   1100.8 Kbytes
Page   6 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description SB® 350 Connectors Up to 500 Amps

916 Datasheet (HTML) - Anderson Power Products, Inc.


916 Product details

The SB® 350 is the largest connector in the series with
power capabilities up to 500 amps with a 350 mcm wire.
Wires ranging from 1/0 to 350 mcm (53.5 to 185 mm²)
fit into the one piece housing available in standard PC or
a chemical resistant PBT/PC blend. Silver plated wire or
busbar contacts minimize electrical resistance while
offering supreme durability and reliability.
• Up to 350 mcm (185 mm²) Wires
Allows UL rated currents up to 500 amps
• Chemical Resistant Housing Option
Extends temperature range down to -40°C, while offering
enhanced UV and chemical resistance
• Same Housings Used for Wire and Busbar Contacts
Enables color-coded mechanically keyed wire to busbar
connections




Similar Part No. - 916

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
916 ALPHAWIRE-916 Datasheet
162Kb / 2P
M12?륚 Plastic Passive I/O Box
logo
Anderson Power Products...
916 APP-916 Datasheet
151Kb / 2P
SB® 350 Connector
logo
Keystone Electronics Co...
916 KEYSTONE-916 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
logo
Adafruit Industries
916 ADAFRUIT-916 Datasheet
772Kb / 3P
Rugged Metal On/Off Switch with Red LED Ring - 16mm Red On/Off
8-3-18
logo
Pro-Signal
916-328 PROSIGNAL-916-328 Datasheet
24Kb / 1P
RJ45 Plug to BT Sockets
More results


Similar Description - 916

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAP200ARDEA MACOM-MAP200ARDEA Datasheet
109Kb / 2P
Contacts Rated up to 500 Amps, 12-900VDC
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
SB350 APP-SB350_V01 Datasheet
151Kb / 2P
SB® 350 Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com