Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

916 Datasheet (PDF) - Adafruit Industries

916 Datasheet PDF - Adafruit Industries
Part # 916
Download  916 Download
File Size   772.32 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Rugged Metal On/Off Switch with Red LED Ring - 16mm Red On/Off

916 Datasheet (PDF)

Go To PDF Page Download Datasheet
916 Datasheet PDF - Adafruit Industries

Part # 916
Download  916 Click to download

File Size   772.32 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Rugged Metal On/Off Switch with Red LED Ring - 16mm Red On/Off

916 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 916

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
916 ALPHAWIRE-916 Datasheet
162Kb / 2P
M12?륚 Plastic Passive I/O Box
logo
Anderson Power Products...
916 APP-916 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
916 APP-916 Datasheet
151Kb / 2P
SB® 350 Connector
logo
Keystone Electronics Co...
916 KEYSTONE-916 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
logo
Pro-Signal
916-328 PROSIGNAL-916-328 Datasheet
24Kb / 1P
RJ45 Plug to BT Sockets
More results


Similar Description - 916

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Princeton Technology Co...
PT6907 PTC-PT6907 Datasheet
179Kb / 4P
Linear Dimming LED Driver with Switch On/Off
PT6907 PTC-PT6907_10 Datasheet
113Kb / 4P
Linear Dimming LED Driver with Switch On/Off
logo
Molex Electronics Ltd.
130126-0012 MOLEX11-130126-0012 Datasheet
36Kb / 1P
Super-Safeway Red Mushroom On/Off Switch,
1301260012 MOLEX1-1301260012_17 Datasheet
43Kb / 1P
Super-Safeway Red Mushroom On/Off Switch, (1) NO Contact, 3A, 250V
logo
STMicroelectronics
SPC560PADPT100S STMICROELECTRONICS-SPC560PADPT100S Datasheet
59Kb / 4P
On/off power switch with LED indicators
13-Sep-2013
logo
SHANGHAI BELLING CO., L...
BL2557 BELLING-BL2557 Datasheet
501Kb / 2P
ON/OFF Switch
logo
MOSDESIGN SEMICONDUCTOR...
M1100 MOSDESIGN-M1100 Datasheet
134Kb / 2P
ON/OFF LED
2008-06-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com