Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8A34012 Datasheet (PDF) - Renesas Technology Corp

8A34012 Datasheet PDF - Renesas Technology Corp
Part # 8A34012
Download  8A34012 Download
File Size   2308.23 Kbytes
Page   104 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Port Synchronizer for IEEE 1588 Frequency and Time/Phase

8A34012 Datasheet (PDF)

Go To PDF Page Download Datasheet
8A34012 Datasheet PDF - Renesas Technology Corp

Part # 8A34012
Download  8A34012 Click to download

File Size   2308.23 Kbytes
Page   104 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Port Synchronizer for IEEE 1588 Frequency and Time/Phase

8A34012 Datasheet (HTML) - Renesas Technology Corp


8A34012 Product details

Features
▪ Four independent timing channels
• Each can act as a frequency synthesizer, jitter attenuator,
Digitally Controlled Oscillator (DCO), or Digital Phase Lock
Loop (DPLL)
• DPLL Digital Loop Filters (DLFs) are programmable with
cut-off frequencies from 17Hz to 22kHz
• Switching between DPLL and DCO modes is hitless and
dynamic
• Generates output frequencies that are independent of input
frequencies via a Fractional Output Divider (FOD)
• Each FOD supports output phase tuning with 1ps resolution
▪ 8 Differential / 16 LVCMOS outputs
• Frequencies from 0.5Hz to 1GHz (250MHz for LVCMOS)
• Jitter below 150fs RMS (10kHz to 20MHz)
• LVCMOS, LVDS, LVPECL, HCSL, CML, SSTL, and HSTL
output modes supported
• Differential output swing is selectable: 400mV / 650mV /
800mV / 910mV
• Independent output voltages of 3.3V, 2.5V, or 1.8V
▪ LVCMOS additionally supports 1.5V or 1.2V
• The clock phase of each output is individually programmable
in 1ns to 2ns steps with a total range of ±180°
7 differential / 14 single-ended clock inputs
• Support frequencies from 1kHz to 1GHz
• Any input can be mapped to any or all of the timing channels
• Redundant inputs frequency independent of each other
• Any input can be designated as external frame/sync pulse of
PPES (pulse per even second), 1 PPS (Pulse per Second),
5PPS, 10 PPS, 50Hz, 100Hz, 1 kHz, 2 kHz, 4kHz, and 8kHz
associated with a selectable reference clock input
• Per-input programmable phase offset of up to ±1.638s in
1ps steps
▪ Reference monitors qualify/disqualify references depending on
LOS, activity, frequency monitoring and/or LOS input pins
• Loss of Signal (LOS) input pins (via GPIOs) can be assigned
to any input clock reference
▪ Automatic reference selection state machines select the active
reference for each DPLL based on the reference monitors,
priority tables, revertive / non-revertive, and other
programmable settings
▪ System APLL operates from fundamental-mode crystal: 25MHz
to 54MHz or from a crystal oscillator
▪ System DPLL accepts an XO, TCXO, or OCXO operating at
virtually any frequency from 1MHz to 150MHz
▪ DPLLs can be configured as DCOs to synthesize Precision
Time Protocol (PTP) / IEEE 1588 clocks
• DCOs generate PTP based clocks with frequency resolution
less than 1.11 × 10-16
▪ DPLL Phase detectors can be used as Time-to-Digital
Converters (TDC) with precision below 1ps
▪ Supports 1MHz I2
C or 50MHz SPI serial processor ports
▪ Can configure itself automatically after reset via:
• Internal customer definable One-Time Programmable
memory with up to 16 different configurations
• Standard external I2
C EPROM via separate I2
C Master Port
▪ 1149.1 JTAG Boundary Scan
▪ 10 × 10 mm, 72-QFN package

Description
The 8A34012 is a port synchronizer for frequency and time/phase for equipment that uses packet based and physical layer based
equipment synchronization. The 8A34011 is a highly integrated device that provides tools to manage timing references, clock sources
and timing paths for IEEE 1588 and Synchronous Ethernet (SyncE) based clocks. The PLL channels can act independently as frequency
synthesizers, jitter attenuators, Digitally Controlled Oscillators (DCO), or Digital Phase Lock Loops (DPLL).
The 8A34012 supports multiple independent timing paths that can each be configured as a DPLL or as a DCO. Input-to-input,
input-to-output, and output-to-output phase skew can all be precisely managed. The device outputs low-jitter clocks that can directly
synchronize interfaces such as 100GBASE-R, 40GBASE-R, 10GBASE-R, and 10GBASE-W and lower-rate Ethernet interfaces; as well
as SONET/SDH and PDH interfaces and IEEE 1588 Time Stamp Units (TSUs).




Similar Part No. - 8A34012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8A34012 RENESAS-8A34012 Datasheet
2Mb / 103P
Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
8A34012E-DDDNLG RENESAS-8A34012E-DDDNLG Datasheet
2Mb / 103P
Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
8A34012E-DDDNLG8 RENESAS-8A34012E-DDDNLG8 Datasheet
2Mb / 103P
Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
8A34012 RENESAS-8A34012_V01 Datasheet
2Mb / 103P
Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
More results


Similar Description - 8A34012

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33724 IDT-82P33724 Datasheet
239Kb / 13P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33724 IDT-82P33724_17 Datasheet
771Kb / 55P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
82P33741 IDT-82P33741_17 Datasheet
754Kb / 58P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
logo
Analog Devices
AD9543 AD-AD9543 Datasheet
1Mb / 66P
Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
10/2017-Revision 0
logo
Renesas Technology Corp
8A34011 RENESAS-8A34011 Datasheet
2Mb / 106P
Port Synchronizer for IEEE 1588 Frequency and Time/Phase
December 9, 2021
8A34013 RENESAS-8A34013 Datasheet
2Mb / 101P
Port Synchronizer for IEEE 1588 Frequency and Time/Phase
February 3, 2022
82P33724 RENESAS-82P33724 Datasheet
984Kb / 56P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
September 15, 2017
logo
Microsemi Corporation
ZL30361 MICROSEMI-ZL30361 Datasheet
347Kb / 5P
IEEE 1588 and Synchronous Ethernet Packet Clock Network Synchronizer
May 2013
logo
Renesas Technology Corp
82P33741 RENESAS-82P33741 Datasheet
1Mb / 59P
Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet
September 15, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com