Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8S89296 Datasheet (PDF) - Renesas Technology Corp

8S89296 Datasheet PDF - Renesas Technology Corp
Part # 8S89296
Download  8S89296 Download
File Size   583.02 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVDS Programmable Delay Line

8S89296 Datasheet (PDF)

Go To PDF Page Download Datasheet
8S89296 Datasheet PDF - Renesas Technology Corp

Part # 8S89296
Download  8S89296 Click to download

File Size   583.02 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVDS Programmable Delay Line

8S89296 Datasheet (HTML) - Renesas Technology Corp


8S89296 Product details

Description
The 8S89296 is a high performance LVDS programmable delay line.
The delay can vary from 2.2ns to 12.5ns in 10ps steps. The 8S89296
is characterized to operate from a 2.5V power supply and is
guaranteed over industrial temperature range.
The delay of the device varies in discrete steps based on a control
word. A 10-bit long control word sets the delay in 10ps increments.
Also, the input pins IN and nIN default to an equivalent low state
when left floating. The control register can accept CMOS or TTL
level signals.

Features
▪ One LVDS level output
▪ One differential clock input pair
▪ Differential input clock (IN, nIN) can accept the following signaling
levels: LVPECL, LVDS, CML
▪ Maximum frequency: 800MHz
▪ Programmable Delay Range: 2.2ns to 12.5ns in 10ps steps
▪ D[10:0] can accept LVPECL, LVCMOS or LVTTL levels
▪ Full 2.5V supply voltages
▪ -40°C to 85°C ambient operating temperature
▪ Available in lead-free (RoHS 6) package




Similar Part No. - 8S89296

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89296 IDT-8S89296 Datasheet
353Kb / 16P
LVDS Programmable Delay Line
8S89296NLGI IDT-8S89296NLGI Datasheet
353Kb / 16P
LVDS Programmable Delay Line
8S89296NLGI8 IDT-8S89296NLGI8 Datasheet
353Kb / 16P
LVDS Programmable Delay Line
More results


Similar Description - 8S89296

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
Programmable 8-Bit Silicon Delay Line
DS1045 DALLAS-DS1045 Datasheet
95Kb / 6P
4-Bit Dual Programmable Delay Line
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
Programmable 8-Bit Silicon Delay Line
logo
Data Delay Devices, Inc...
PDU14F DATADELAY-PDU14F Datasheet
58Kb / 5P
4-BIT PROGRAMMABLE DELAY LINE
PDU15F DATADELAY-PDU15F Datasheet
50Kb / 5P
5-BIT PROGRAMMABLE DELAY LINE
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Maxim Integrated Produc...
DS1020S-15 MAXIM-DS1020S-15 Datasheet
196Kb / 9P
Programmable 8-Bit Silicon Delay Line
111799
logo
Integrated Device Techn...
8S89296 IDT-8S89296 Datasheet
353Kb / 16P
LVDS Programmable Delay Line
logo
Renesas Technology Corp
ICS854S296I-33 RENESAS-ICS854S296I-33 Datasheet
453Kb / 21P
FemtoClock® LVDS Programmable Delay Line
JANUARY 15, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com