Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854S296I-33 Datasheet (PDF) - Renesas Technology Corp

ICS854S296I-33 Datasheet PDF - Renesas Technology Corp
Part # ICS854S296I-33
Download  ICS854S296I-33 Download
File Size   453.6 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® LVDS Programmable Delay Line

ICS854S296I-33 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS854S296I-33 Datasheet PDF - Renesas Technology Corp

Part # ICS854S296I-33
Download  ICS854S296I-33 Click to download

File Size   453.6 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® LVDS Programmable Delay Line

ICS854S296I-33 Datasheet (HTML) - Renesas Technology Corp


ICS854S296I-33 Product details

General Description
The ICS854S296I-33 is a high performance LVDS Programmable
Delay Line. The delay can vary from 2.2ns to 12.5ns in 10ps steps.
The ICS854S296I-33 is characterized to operate from a 3.3V power
supply and is guaranteed over industrial temperature range.
The delay of the device varies in discrete steps based on a control
word. A 10-bit long control word sets the delay in 10ps increments.
Also, the input pins IN and nIN default to an equivalent low state
when left floating. The control register can accept CMOS or TTL
level signals.
Features
• One LVDS level output
• One differential clock input pair
• Differential input clock (IN, nIN) can accept the following signaling
levels: LVPECL, LVDS, CML
• Maximum frequency: 1.2GHz
• Programmable Delay Range: 2.2ns to 12.5ns in 10ps steps
• D[9:0] can accept LVPECL, LVCMOS or LVTTL levels
• Full 3.3V supply voltages
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS854S296I-33

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS854S202I RENESAS-ICS854S202I Datasheet
935Kb / 18P
12:2, Differential-to-LVDS Multiplexer
JANUARY 21, 2013
logo
Integrated Device Techn...
ICS854S202I-01 IDT-ICS854S202I-01 Datasheet
486Kb / 17P
12:2, DIFFERENTIAL-TO-LVDS MULTIPLEXER
logo
Renesas Technology Corp
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
logo
Integrated Device Techn...
ICS854S204AGILF IDT-ICS854S204AGILF Datasheet
427Kb / 19P
LOW SKEW, DUAL, PROGRAMMABLE 1-TO-2 DIFFERENTIALTO-LVDS, LVPECL FANOUT BUFFER
ICS854S204BGILF IDT-ICS854S204BGILF Datasheet
427Kb / 19P
LOW SKEW, DUAL, PROGRAMMABLE 1-TO-2 DIFFERENTIALTO-LVDS, LVPECL FANOUT BUFFER
More results


Similar Description - ICS854S296I-33

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89296 IDT-8S89296 Datasheet
353Kb / 16P
LVDS Programmable Delay Line
logo
Renesas Technology Corp
8S89296 RENESAS-8S89296 Datasheet
583Kb / 17P
LVDS Programmable Delay Line
February 14, 2017
844008I-01 RENESAS-844008I-01 Datasheet
607Kb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
4/22/15
ICS844011 RENESAS-ICS844011 Datasheet
1Mb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
AUGUST 27, 2012
IDT8T49N004I RENESAS-IDT8T49N004I Datasheet
1Mb / 38P
Programmable FemtoClock® NG LVPECL/LVDS Clock Generator with 4-Outputs
2019
IDT8T49N006I RENESAS-IDT8T49N006I Datasheet
1Mb / 40P
Programmable FemtoClock® NG LVPECL/LVDS Clock Generator with 6-Outputs
2019
IDT8T49N008I RENESAS-IDT8T49N008I Datasheet
1Mb / 39P
Programmable FemtoClock® NG LVPECL/LVDS Clock Generator with 8-Outputs
2019
IDT8V44N003I RENESAS-IDT8V44N003I Datasheet
1Mb / 29P
FemtoClock® NG LVDS Clock Synthesizer
2019
844004I-104 RENESAS-844004I-104 Datasheet
599Kb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
ICS844201-45 RENESAS-ICS844201-45 Datasheet
926Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com