Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844011 Datasheet (PDF) - Renesas Technology Corp

ICS844011 Datasheet PDF - Renesas Technology Corp
Part # ICS844011
Download  ICS844011 Download
File Size   1578.02 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVDS Clock Generator

ICS844011 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS844011 Datasheet PDF - Renesas Technology Corp

Part # ICS844011
Download  ICS844011 Click to download

File Size   1578.02 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVDS Clock Generator

ICS844011 Datasheet (HTML) - Renesas Technology Corp


ICS844011 Product details

General Description
The ICS844011 is a Fibre Channel Clock Generator. The
ICS844011 uses an 18pF parallel resonant crystal. For Fibre
Channel applications, a 26.5625MHz crystal is used. The
ICS844011 has excellent <1ps phase jitter performance, over the
637kHz - 10MHz integration range. The ICS844011 is packaged in a
small 8-pin TSSOP, making it ideal for use in systems with limited
board space.
Features
• One differential LVDS clock output pair
• Crystal interface designed for 18pF parallel resonant crystals
• VCO range: 490MHz – 680MHz
• RMS phase jitter @ 106.25MHz, using a 26.5625MHz crystal
(637kHz - 10MHz): 0.97ps (typical)
• RMS phase jitter @ 100MHz, (637kHz - 10MHz):
0.77ps (typical)
• Full 3.3V or 2.5V operating supply
• Available in lead-free (RoHS 6) package
• 0°C to 70°C ambient operating temperature




Similar Part No. - ICS844011

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844011 IDT-ICS844011 Datasheet
1,018Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
logo
Integrated Circuit Syst...
ICS844011AGI ICST-ICS844011AGI Datasheet
159Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. A JUNE 28, 2005
ICS844011AGIT ICST-ICS844011AGIT Datasheet
159Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. A JUNE 28, 2005
ICS844011I ICST-ICS844011I Datasheet
159Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. A JUNE 28, 2005
More results


Similar Description - ICS844011

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844008I-46 RENESAS-844008I-46 Datasheet
497Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
11/6/15
844021-01 RENESAS-844021-01 Datasheet
451Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
10/26/15
844021I-01 RENESAS-844021I-01 Datasheet
450Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
10/27/15
844031-01 RENESAS-844031-01 Datasheet
450Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
6/2/16
844031I-01 RENESAS-844031I-01 Datasheet
452Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
6/2/16
844071 RENESAS-844071 Datasheet
434Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
11/17/15
ICS844201-45 RENESAS-ICS844201-45 Datasheet
926Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
ICS844252-04 RENESAS-ICS844252-04 Datasheet
739Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
844001I RENESAS-844001I Datasheet
399Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
ICS844201I-45 RENESAS-ICS844201I-45 Datasheet
587Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com