Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

844071 Datasheet (PDF) - Renesas Technology Corp

844071 Datasheet PDF - Renesas Technology Corp
Part # 844071
Download  844071 Download
File Size   434.93 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVDS Clock Generator

844071 Datasheet (PDF)

Go To PDF Page Download Datasheet
844071 Datasheet PDF - Renesas Technology Corp

Part # 844071
Download  844071 Click to download

File Size   434.93 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVDS Clock Generator

844071 Datasheet (HTML) - Renesas Technology Corp


844071 Product details

General Description
The 844071 is a Serial ATA (SATA)/Serial Attached SCSI (SAS)
Clock Generator. The 844071 uses an 18pF parallel resonant crystal
over the range of 20.833MHz - 28.3MHz. For SATA/SAS
applications, a 25MHz crystal is used and either 75MHz or 150MHz
may be selected with the FREQ_SEL pin. The 844071 has excellent
<1ps phase jitter performance, over the 900kHz - 7.5MHz integration
range. The 844071 is packaged in a small 8-pin TSSOP, making it
ideal for use in systems with limited board space.

Features
• One differential LVDS output
• Crystal oscillator interface, 18pF parallel resonant crystal
(20.833MHz – 28.3MHz)
• Output frequency range: 62.5MHz – 170MHz
• VCO range: 500MHz – 680MHz
• RMS phase jitter at 150MHz, using a 25MHz crystal
(900kHz – 7.5MHz): 0.45ps (typical)
• Full 3.3V or 2.5V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) packages




Similar Part No. - 844071

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844071 IDT-844071 Datasheet
246Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
844071AGLF IDT-844071AGLF Datasheet
246Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
844071AGLFT IDT-844071AGLFT Datasheet
246Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
More results


Similar Description - 844071

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844008I-46 RENESAS-844008I-46 Datasheet
497Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
11/6/15
844021-01 RENESAS-844021-01 Datasheet
451Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
10/26/15
844021I-01 RENESAS-844021I-01 Datasheet
450Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
10/27/15
844031-01 RENESAS-844031-01 Datasheet
450Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
6/2/16
844031I-01 RENESAS-844031I-01 Datasheet
452Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
6/2/16
ICS844011 RENESAS-ICS844011 Datasheet
1Mb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
AUGUST 27, 2012
ICS844201-45 RENESAS-ICS844201-45 Datasheet
926Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
ICS844252-04 RENESAS-ICS844252-04 Datasheet
739Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
844001I RENESAS-844001I Datasheet
399Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
ICS844201I-45 RENESAS-ICS844201I-45 Datasheet
587Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com