Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844201-45 Datasheet (PDF) - Renesas Technology Corp

ICS844201-45 Datasheet PDF - Renesas Technology Corp
Part # ICS844201-45
Download  ICS844201-45 Download
File Size   926.59 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVDS Clock Generator

ICS844201-45 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS844201-45 Datasheet PDF - Renesas Technology Corp

Part # ICS844201-45
Download  ICS844201-45 Click to download

File Size   926.59 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVDS Clock Generator

ICS844201-45 Datasheet (HTML) - Renesas Technology Corp


ICS844201-45 Product details

Features
• One differential LVDS output
• Crystal oscillator interface designed for 18pF,
25MHz parallel resonant crystal
• VCO range: 490MHz – 680MHz
• RMS phase jitter at 100MHz (12kHz – 20MHz): 0.792ps (typical)
• RMS phase jitter at 125MHz (12kHz – 20MHz): 0.773ps (typical)
• Full 3.3V output supply mode
• PCI Express (2.5Gb/s) and Gen 2 (5Gb/S) jitter compliant
• 0°C to 70°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS844201-45

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844201-45 IDT-ICS844201-45 Datasheet
409Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
More results


Similar Description - ICS844201-45

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844008I-46 RENESAS-844008I-46 Datasheet
497Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
11/6/15
844021-01 RENESAS-844021-01 Datasheet
451Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
10/26/15
844021I-01 RENESAS-844021I-01 Datasheet
450Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
10/27/15
844031-01 RENESAS-844031-01 Datasheet
450Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
6/2/16
844031I-01 RENESAS-844031I-01 Datasheet
452Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
6/2/16
844071 RENESAS-844071 Datasheet
434Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
11/17/15
ICS844011 RENESAS-ICS844011 Datasheet
1Mb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
AUGUST 27, 2012
ICS844252-04 RENESAS-ICS844252-04 Datasheet
739Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
844001I RENESAS-844001I Datasheet
399Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
ICS844201I-45 RENESAS-ICS844201I-45 Datasheet
587Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com