Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8S89874 Datasheet (PDF) - Renesas Technology Corp

8S89874 Datasheet PDF - Renesas Technology Corp
Part # 8S89874
Download  8S89874 Download
File Size   680.83 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:2 Differential-to-LVPECL Buffer/Divider

8S89874 Datasheet (PDF)

Go To PDF Page Download Datasheet
8S89874 Datasheet PDF - Renesas Technology Corp

Part # 8S89874
Download  8S89874 Click to download

File Size   680.83 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:2 Differential-to-LVPECL Buffer/Divider

8S89874 Datasheet (HTML) - Renesas Technology Corp


8S89874 Product details

General Description
The 8S89874 is a high speed 1:2 Differential-to- LVPECL Buffer/
Divider. The 8S89874 has a selectable ÷1, ÷2, ÷4, ÷8, ÷16 output
divider, which allows the device to be used as either a 1:2 fanout
buffer or frequency divider. The clock input has internal termination
resistors, allowing it to interface with several differential signal types
while minimizing the number of required external components. The
device is packaged in a small, 3mm x 3mm VFQFN package, making
it ideal for use on space-constrained boards.

Features
• Two LVPECL/ECL output pairs
• Frequency divide select options: ÷1 (pass through), ÷2, ÷4, ÷8,
÷16
• IN, nIN input can accept the following differential input levels:
LVPECL, LVDS, CML
• Output frequency: 2GHz (maximum)
• Output skew: 15ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Additive phase jitter, RMS: 0.20ps (typical)
• LVPECL supply voltage range: 2.375V to 3.63V
• ECL supply voltage range: -3.63V to -2.375V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8S89874

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89874 IDT-8S89874 Datasheet
366Kb / 20P
1:2 Different ial-to-LVPECL Buffer/Divider
8S89874BKILF IDT-8S89874BKILF Datasheet
755Kb / 19P
1:2 Differential-to-LVPECL Buffer/Divider
8S89874BKILF IDT-8S89874BKILF Datasheet
366Kb / 20P
1:2 Different ial-to-LVPECL Buffer/Divider
8S89874BKILFT IDT-8S89874BKILFT Datasheet
755Kb / 19P
1:2 Differential-to-LVPECL Buffer/Divider
8S89874BKILFT IDT-8S89874BKILFT Datasheet
366Kb / 20P
1:2 Different ial-to-LVPECL Buffer/Divider
More results


Similar Description - 8S89874

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS889874 ICST-ICS889874 Datasheet
162Kb / 14P
DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
REV. A MAY 19, 2004
logo
ON Semiconductor
NB4L339 ONSEMI-NB4L339_07 Datasheet
176Kb / 12P
2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator / Divider / Fan?뭀ut Buffer
January, 2007 ??Rev. P2
logo
Integrated Device Techn...
ICS8S89874I IDT-ICS8S89874I Datasheet
755Kb / 19P
1:2 Differential-to-LVPECL Buffer/Divider
logo
Pericom Semiconductor C...
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS879S216I-02 IDT-ICS879S216I-02 Datasheet
873Kb / 22P
2:2, Differential-to-LVPECL/LVDS Divider
8S89874 IDT-8S89874 Datasheet
366Kb / 20P
1:2 Different ial-to-LVPECL Buffer/Divider
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
IDT8S89871I RENESAS-IDT8S89871I Datasheet
732Kb / 19P
1:2 Differential-to-LVPECL Buffer/Divider
November 28, 2017
ICS879S216I RENESAS-ICS879S216I Datasheet
1Mb / 23P
2:2, Differential-to-LVPECL/LVDS Divider
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com