Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS879S216I Datasheet (PDF) - Renesas Technology Corp

ICS879S216I Datasheet PDF - Renesas Technology Corp
Part # ICS879S216I
Download  ICS879S216I Download
File Size   1073.02 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:2, Differential-to-LVPECL/LVDS Divider

ICS879S216I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS879S216I Datasheet PDF - Renesas Technology Corp

Part # ICS879S216I
Download  ICS879S216I Click to download

File Size   1073.02 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:2, Differential-to-LVPECL/LVDS Divider

ICS879S216I Datasheet (HTML) - Renesas Technology Corp


ICS879S216I Product details

Features
• High speed 2:2 differential divider
• Two differential LVPECL or LVDS output pairs
• Four selectable divide combinations
• PCLKx can accept the following input levels: LVPECL, LVDS, CML
• Maximum input frequency: 2.5GHz
• Propagation delay: 0.8ns (minimum), 1.6ns (maximum)
• Output Skew: 25ps (maximum)
• Full 3.3V or 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 5) package




Similar Part No. - ICS879S216I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS879S216I-02 IDT-ICS879S216I-02 Datasheet
873Kb / 22P
2:2, Differential-to-LVPECL/LVDS Divider
More results


Similar Description - ICS879S216I

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
logo
Integrated Circuit Syst...
ICS889874 ICST-ICS889874 Datasheet
162Kb / 14P
DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
REV. A MAY 19, 2004
logo
ON Semiconductor
MC100EPT26 ONSEMI-MC100EPT26_06 Datasheet
134Kb / 9P
3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
November, 2006 ??Rev. 14
logo
Integrated Device Techn...
ICS8S89874I IDT-ICS8S89874I Datasheet
755Kb / 19P
1:2 Differential-to-LVPECL Buffer/Divider
ICS879S216I-02 IDT-ICS879S216I-02 Datasheet
873Kb / 22P
2:2, Differential-to-LVPECL/LVDS Divider
logo
Renesas Technology Corp
8S89874 RENESAS-8S89874 Datasheet
680Kb / 21P
1:2 Differential-to-LVPECL Buffer/Divider
February 9, 2016
ICS8S73034I RENESAS-ICS8S73034I Datasheet
1Mb / 21P
Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
2019
IDT8S89871I RENESAS-IDT8S89871I Datasheet
732Kb / 19P
1:2 Differential-to-LVPECL Buffer/Divider
November 28, 2017
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
ICS859S0412I RENESAS-ICS859S0412I Datasheet
1Mb / 24P
4:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com