Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V44S269 Datasheet (PDF) - Renesas Technology Corp

8V44S269 Datasheet PDF - Renesas Technology Corp
Part # 8V44S269
Download  8V44S269 Download
File Size   891.83 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer

8V44S269 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V44S269 Datasheet PDF - Renesas Technology Corp

Part # 8V44S269
Download  8V44S269 Click to download

File Size   891.83 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer

8V44S269 Datasheet (HTML) - Renesas Technology Corp


8V44S269 Product details

General Description
The 8V44S269 is a ten LVDS/LVTTL output clock synthesizer
designed for instrumentation and wireless applications. The device
generates four copies of a 125MHz, two copies of a 100MHz
differential LVDS clock and one 50MHz (LVCMOS) signal with
excellent phase jitter performance. The PLL is optimized for a
reference frequency of 25MHz. Both a crystal interface and a
single-ended input are supported for the reference frequency. Three
LVCMOS outputs duplicate the reference frequency and are
provided for clock tree cascade purpose. Each of the four LVCMOS
outputs can be supplied with either 3.3V, 2.5V or 1.8V, forming the
respective LVCMOS output levels of 3.3V, 2.5V or 1.8V. The device
uses IDT’s third generation FemtoClock® technology for an optimum
of high clock frequency and low phase noise performance, combined
with a low power consumption. The device supports a 3.3V voltage
supply and is packaged in a small, lead-free (RoHS 6) 48-lead
VFQFN package.

Features
• Third generation FemtoClock® technology
• 125MHz, 100MHz and 50MHz output clocks synthesized from a
25MHz reference clock or fundamental mode crystal
• Six differential LVDS clock outputs
• QA[0:3] outputs (125MHz) are LVDS compatible
• QB[0:1] outputs (100MHz) are LVDS compatible
• Four single-ended LVCMOS-compatible reference clock outputs
• QC output (50MHz) is LVCMOS 3.3V, 2.5V or 1.8V compatible
• QREF[0:2] (25MHz) are LVCMOS 3.3V, 2.5V or 1.8V compatible
• Crystal interface designed for 25MHz XTAL
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(12kHz - 20MHz): 0.57 (typical)
• RMS phase jitter @ 100MHz, using a 25MHz crystal
(12kHz - 20MHz): 0.58 (typical)
• LVCMOS interface levels for the control input
• I/O supply voltages for LVDS:
Core/Output
3.3V/2.5V
• I/O supply voltages for LVCMOS:
Core/Output
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
• Lead-free (RoHS 6) 48-lead VFQFN packaging
• -55°C to 105°C ambient operating temperature




Similar Part No. - 8V44S269

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V44S269 IDT-8V44S269 Datasheet
598Kb / 28P
FemtoClock Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
8V44S269NLGI IDT-8V44S269NLGI Datasheet
598Kb / 28P
FemtoClock Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
8V44S269NLGI8 IDT-8V44S269NLGI8 Datasheet
598Kb / 28P
FemtoClock Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
More results


Similar Description - 8V44S269

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V44S269 IDT-8V44S269 Datasheet
598Kb / 28P
FemtoClock Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS840N051I RENESAS-ICS840N051I Datasheet
617Kb / 15P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
OCTOBER 14, 2013
83908-02 RENESAS-83908-02 Datasheet
617Kb / 17P
FemtoClock® Crystal-to-LVDS 8-Output Clock Synthesizer
April 7, 2016
ICS840N011I RENESAS-ICS840N011I Datasheet
802Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
2019
ICS840N021I-01 RENESAS-ICS840N021I-01 Datasheet
939Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
ICS844S0258-07 RENESAS-ICS844S0258-07 Datasheet
852Kb / 22P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
844N255I RENESAS-844N255I Datasheet
894Kb / 23P
FemtoClock® NG Crystal-to-LVDS Clock Synthesizer
April 28, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com