Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C82 Datasheet (PDF) - Renesas Technology Corp

82C82 Datasheet PDF - Renesas Technology Corp
Part # 82C82
Download  82C82 Download
File Size   501.05 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Octal Latching Bus Driver

82C82 Datasheet (PDF)

Go To PDF Page Download Datasheet
82C82 Datasheet PDF - Renesas Technology Corp

Part # 82C82
Download  82C82 Click to download

File Size   501.05 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Octal Latching Bus Driver

82C82 Datasheet (HTML) - Renesas Technology Corp


82C82 Product details

Features
• Full Eight-Bit Parallel Latching Buffer
• Bipolar 8282 Compatible
• Three-State Noninverting Outputs
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . 35ns Max.
• Gated Inputs:
- Reduce Operating Power
- Eliminate the Need for Pull-Up Resistors
• Single 5V Power Supply
• Low Power Operation. . . . . . . . . . . . . . . .ICCSB = 10A
• Operating Temperature Ranges
- C82C82. . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
- I82C82 . . . . . . . . . . . . . . . . . . . . . . . . .-40oC to +85oC
- M82C82 . . . . . . . . . . . . . . . . . . . . . . .-55oC to +125oC

Description
The Intersil 82C82 is a high performance CMOS Octal
Latching Buffer manufactured using a self-aligned silicon
gate CMOS process (Scaled SAJI IV). The 82C82 provides
an eight-bit parallel latch/buffer in a 20 pin package. The
active high strobe (STB) input allows transparent transfer of
data and latches data on the negative transition of this
signal. The active low output enable (OE) permits simple
interface to state-of-the-art microprocessor systems.




Similar Part No. - 82C82

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C82 INTERSIL-82C82 Datasheet
103Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
82C82 INTERSIL-82C82 Datasheet
148Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
82C82 INTERSIL-82C82_02 Datasheet
148Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
More results


Similar Description - 82C82

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX543 MOTOROLA-MC74LCX543 Datasheet
155Kb / 9P
LOW-VOLTAGE CMOS OCTAL LATCHING TRANSCEIVER
logo
Intersil Corporation
82C82 INTERSIL-82C82 Datasheet
103Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
82C83H INTERSIL-82C83H Datasheet
105Kb / 6P
CMOS Octal Latching Inverting Bus Driver
March 1997
82C86H INTERSIL-82C86H Datasheet
109Kb / 8P
CMOS Octal Bus Transceiver
March 1997
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
CMOS Octal Bus Transceiver
June 2004
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
logo
Intersil Corporation
82C82 INTERSIL-82C82_02 Datasheet
148Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
logo
Integrated Device Techn...
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
CMOS Octal Bus Transceiver
June 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com