Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C82 Datasheet (PDF) - Intersil Corporation

82C82 Datasheet PDF - Intersil Corporation
Part # 82C82
Download  82C82 Download
File Size   103.21 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Octal Latching Bus Driver

82C82 Datasheet (PDF)

Go To PDF Page Download Datasheet
82C82 Datasheet PDF - Intersil Corporation

Part # 82C82
Download  82C82 Click to download

File Size   103.21 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Octal Latching Bus Driver

82C82 Datasheet (HTML) - Intersil Corporation


82C82 Product details

Description

The Intersil 82C82 is a high performance CMOS Octal Latching Buffer manufactured using a self-aligned silicon

gate CMOS process (Scaled SAJI IV). The 82C82 provides an eight-bit parallel latch/buffer in a 20 pin package. The active high strobe (STB) input allows transparent transfer of data and latches data on the negative transition of this signal. The active low output enable (OE) permits simple inter face to state-of-the-art microprocessor systems.



Features

• Full Eight-Bit Parallel Latching Buffer

• Bipolar 8282 Compatible

• Three-State Noninverting Outputs

• Propagation Delay . . . . . . . . . . . . . . . . . . . . .  35ns Max.

• Gated Inputs:

- Reduce Operating Power

- Eliminate the Need for Pull-Up Resistors

• Single 5V Power Supply

• Low Power Operation . . . . . . . . . . . . . . . ICCSB = 10µA

• Operating Temperature Ranges

- C82C82 . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to +70oC

- I82C82 . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC

- M82C82 . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC




Similar Part No. - 82C82

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C82 INTERSIL-82C82 Datasheet
148Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
logo
Renesas Technology Corp
82C82 RENESAS-82C82 Datasheet
501Kb / 8P
CMOS Octal Latching Bus Driver
Aug 25, 2015
logo
Intersil Corporation
82C82 INTERSIL-82C82_02 Datasheet
148Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
More results


Similar Description - 82C82

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX543 MOTOROLA-MC74LCX543 Datasheet
155Kb / 9P
LOW-VOLTAGE CMOS OCTAL LATCHING TRANSCEIVER
logo
Intersil Corporation
82C83H INTERSIL-82C83H Datasheet
105Kb / 6P
CMOS Octal Latching Inverting Bus Driver
March 1997
82C86H INTERSIL-82C86H Datasheet
109Kb / 8P
CMOS Octal Bus Transceiver
March 1997
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
CMOS Octal Bus Transceiver
June 2004
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
logo
Intersil Corporation
82C82 INTERSIL-82C82_02 Datasheet
148Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
logo
Integrated Device Techn...
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
82C82 RENESAS-82C82 Datasheet
501Kb / 8P
CMOS Octal Latching Bus Driver
Aug 25, 2015
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
CMOS Octal Bus Transceiver
June 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com