Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9EX21531 Datasheet (PDF) - Renesas Technology Corp

9EX21531 Datasheet PDF - Renesas Technology Corp
Part # 9EX21531
Download  9EX21531 Download
File Size   364.7 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Fifteen Output Differential Buffer w/2 input mux for PCIe Gen1/2/3

9EX21531 Datasheet (PDF)

Go To PDF Page Download Datasheet
9EX21531 Datasheet PDF - Renesas Technology Corp

Part # 9EX21531
Download  9EX21531 Click to download

File Size   364.7 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Fifteen Output Differential Buffer w/2 input mux for PCIe Gen1/2/3

9EX21531 Datasheet (HTML) - Renesas Technology Corp


9EX21531 Product details

General Description
The ICS9EX21531 provides 15 output clocks for PCIe Gen1/
2/3 applications. The 9EX21531 has 4 selectable SMBus
addresses, and dedicated CKPWRGD/PD# and VDDA pins
for easy board design. A differential clock from a CK410B+
or CK420BQ main clock generator, such as the ICS932S421,
drives the ICS9EX21531. In fanout mode, the 9EX21531
provides outputs up to 166MHz.

Features/Benefits:
• Pin compatible to 9EX21501/ Easy PCIe Gen3
upgrade
• 4 Selectable SMBus Addresses/Mulitple devices can
share the same SMBus Segment
• 8 dedicated and 2 group OE# pins/Hardware control of
the outputs
• PLL or bypass mode/PLL can dejitter incoming clock
• Selectable PLL bandwidth/minimizes jitter peaking in
downstream PLL's
• Spread Spectrum Compatible/tracks spreading input
clock for low EMI
• SMBus Interface/unused outputs can be disabled
• Undriven differential outputs in Power Down mode/
Easy power management




Similar Part No. - 9EX21531

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9EX21501A IDT-9EX21501A Datasheet
205Kb / 15P
15 Output PCIe G2/QPI Differential Buffer with 2:1 Input Mux
logo
Renesas Technology Corp
9EX21501A RENESAS-9EX21501A Datasheet
205Kb / 15P
15 Output PCIe G2/QPI Differential Buffer with 2:1 Input Mux
07/18/11
logo
Integrated Device Techn...
9EX21501AKILF IDT-9EX21501AKILF Datasheet
205Kb / 15P
15 Output PCIe G2/QPI Differential Buffer with 2:1 Input Mux
9EX21501AKILFT IDT-9EX21501AKILFT Datasheet
205Kb / 15P
15 Output PCIe G2/QPI Differential Buffer with 2:1 Input Mux
9EX21501AKLF IDT-9EX21501AKLF Datasheet
205Kb / 15P
15 Output PCIe G2/QPI Differential Buffer with 2:1 Input Mux
More results


Similar Description - 9EX21531

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
557GI-06LFT ETC-557GI-06LFT Datasheet
136Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Renesas Technology Corp
9DB433 RENESAS-9DB433 Datasheet
431Kb / 18P
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
9DB833 RENESAS-9DB833 Datasheet
407Kb / 19P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
9DMU0141 RENESAS-9DMU0141 Datasheet
308Kb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
09/30/14
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
9EX21831 RENESAS-9EX21831 Datasheet
324Kb / 18P
Eighteen Output Differential Buffer w/2 input mux for PCIe Gen1/2/3
2019
ICS557-06 RENESAS-ICS557-06 Datasheet
321Kb / 13P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
070512
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com