Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9EX21801A Datasheet (PDF) - Renesas Technology Corp

9EX21801A Datasheet PDF - Renesas Technology Corp
Part # 9EX21801A
Download  9EX21801A Download
File Size   290.84 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 18 Output PCIe G2/QPI Differential Buffer with 2:1 input mux

9EX21801A Datasheet (PDF)

Go To PDF Page Download Datasheet
9EX21801A Datasheet PDF - Renesas Technology Corp

Part # 9EX21801A
Download  9EX21801A Click to download

File Size   290.84 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 18 Output PCIe G2/QPI Differential Buffer with 2:1 input mux

9EX21801A Datasheet (HTML) - Renesas Technology Corp


9EX21801A Product details

Description
The 9EX21801 provides 18 output clocks for PCIe Gen2
(100MHz) or QPI (133MHz) applications. The 9EX21801 has 4
selectable SMBus addresses, and dedicated CKPWRGD/PD#
and VDDA pins for easy board design. A differential CPU clock
from a CK410B+ main clock generator, such as the 932S421,
drives the 9EX21801. In fanout mode, the 9EX21801 provides
outputs up to 400MHz.

Features/Benefits
• Supports output clock frequencies up to 400 MHz
• 4 Selectable SMBus addresses
• SMBus address is independent of PLL operating mode
• Dedicated CKPWRGD/PD# and VDDA pins ease board
design
• Available in industrial temperature range (-40°C to +85°C)




Similar Part No. - 9EX21801A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9EX21801AKLF IDT-9EX21801AKLF Datasheet
166Kb / 14P
18 Output PCIe G2/QPI Differential Buffer with 2:1 input mux
9EX21801AKLFT IDT-9EX21801AKLFT Datasheet
166Kb / 14P
18 Output PCIe G2/QPI Differential Buffer with 2:1 input mux
More results


Similar Description - 9EX21801A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9EX21801A IDT-ICS9EX21801A Datasheet
166Kb / 14P
18 Output PCIe G2/QPI Differential Buffer with 2:1 input mux
9DB423B IDT-9DB423B Datasheet
286Kb / 19P
Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
19 Output Differential Buffer for PCIe Gen2 and QPI
9EX21501A IDT-9EX21501A Datasheet
205Kb / 15P
15 Output PCIe G2/QPI Differential Buffer with 2:1 Input Mux
9ZML1232 IDT-9ZML1232 Datasheet
223Kb / 19P
2:12 LOW POWER DIFFERENTIAL Z-BUFFER MUX FOR PCIE AND QPI/UPI
logo
Renesas Technology Corp
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
9EX21501A RENESAS-9EX21501A Datasheet
205Kb / 15P
15 Output PCIe G2/QPI Differential Buffer with 2:1 Input Mux
07/18/11
9EX21531 RENESAS-9EX21531 Datasheet
364Kb / 19P
Fifteen Output Differential Buffer w/2 input mux for PCIe Gen1/2/3
10/25/16
9ZML1231-IB0 RENESAS-9ZML1231-IB0 Datasheet
409Kb / 20P
2:12 LOW POWER DIFFERENTIAL Z-BUFFER MUX FOR PCIE AND QPI/UPI
REV E 112015
9EX21831 RENESAS-9EX21831 Datasheet
324Kb / 18P
Eighteen Output Differential Buffer w/2 input mux for PCIe Gen1/2/3
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com