Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

810251I Datasheet (PDF) - Renesas Technology Corp

810251I Datasheet PDF - Renesas Technology Corp
Part # 810251I
Download  810251I Download
File Size   433.95 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCXO and Synchronous Ethernet Jitter Attenuator

810251I Datasheet (PDF)

Go To PDF Page Download Datasheet
810251I Datasheet PDF - Renesas Technology Corp

Part # 810251I
Download  810251I Click to download

File Size   433.95 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCXO and Synchronous Ethernet Jitter Attenuator

810251I Datasheet (HTML) - Renesas Technology Corp


810251I Product details

General Description
The 810251I is a high performance, low jitter/low phase noise
VCXO. The 810251i uses a low frequency and low cost pullable
crystal to achieve jitter attenuation for synchronous Ethernet
applications. The 810251I can take an input of either 25MHz or
125MHz and produce a single LVCMOS output of 25MHz.
The device is packaged in a small 16 lead TSSOP package and is
ideal for use on space constrained boards typically encountered in
most synchronous ethernet applications.

Features
• One single-ended output (LVCMOS or LVTTL levels),
output Impedance: 15
• Phase jitter attenuation by the VCXO-PLL using a 25MHz pullable
external crystal (XTAL)
• Input frequencies: 25MHz or 125MHz
• Output frequency: 25MHz
• PLL loop bandwidth adjustable by external components
• 25MHz or 125MHz auto input frequency detect
• Full 3.3V or 2.5V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 810251I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
810251I IDT-810251I Datasheet
238Kb / 15P
VCXO and Synchronous Ethernet Jit ter At tenuator
More results


Similar Description - 810251I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843002-31 ICST-ICS843002-31 Datasheet
272Kb / 27P
700MHZ FEMTOCLOCKS??VCXO BASED FREQUENCY TRANSLATOR AND JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS810252BI-03 IDT-ICS810252BI-03 Datasheet
217Kb / 24P
VCXO Jitter Attenuator and FemtoClock??Multiplier
ICS813252I-02 IDT-ICS813252I-02 Datasheet
2Mb / 22P
VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
ICS813322-02 IDT-ICS813322-02 Datasheet
446Kb / 20P
VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
ICS810251 IDT-ICS810251 Datasheet
444Kb / 15P
VCXO and Synchronous Ethernet Jitter Attenuator
813N252I-09 IDT-813N252I-09_15 Datasheet
698Kb / 23P
VCXO Jitter Attenuator & FemtoClock Multiplier
logo
Renesas Technology Corp
810252DI-02 RENESAS-810252DI-02 Datasheet
344Kb / 21P
VCXO Jitter Attenuator & FemtoClock® Multiplier
11/18/14
813N252I-09 RENESAS-813N252I-09 Datasheet
895Kb / 24P
VCXO Jitter Attenuator & FemtoClock® Multiplier
December 10, 2015
810252I RENESAS-810252I Datasheet
450Kb / 17P
VCXO and Synchronous Ethernet Jitter Attenuator
March 3, 2016
ICS810252BI-03 RENESAS-ICS810252BI-03 Datasheet
902Kb / 25P
VCXO Jitter Attenuator and FemtoClock™ Multiplier
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com