Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

810252I Datasheet (PDF) - Renesas Technology Corp

810252I Datasheet PDF - Renesas Technology Corp
Part # 810252I
Download  810252I Download
File Size   450.8 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCXO and Synchronous Ethernet Jitter Attenuator

810252I Datasheet (PDF)

Go To PDF Page Download Datasheet
810252I Datasheet PDF - Renesas Technology Corp

Part # 810252I
Download  810252I Click to download

File Size   450.8 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCXO and Synchronous Ethernet Jitter Attenuator

810252I Datasheet (HTML) - Renesas Technology Corp


810252I Product details

Features
• Two single-ended outputs (LVCMOS or LVTTL levels),
output Impedance: 15
• Phase jitter attenuation by the VCXO-PLL using a 25MHz pullable
external crystal (XTAL)
• Input frequencies: 25MHz or 125MHz
• Output frequency: 25MHz
• PLL loop bandwidth adjustable by external components
• Full 3.3V or 2.5V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 810252I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
810252I IDT-810252I Datasheet
257Kb / 16P
VCXO and Synchronous Ethernet Jit ter At tenuator
More results


Similar Description - 810252I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843002-31 ICST-ICS843002-31 Datasheet
272Kb / 27P
700MHZ FEMTOCLOCKS??VCXO BASED FREQUENCY TRANSLATOR AND JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS810252BI-03 IDT-ICS810252BI-03 Datasheet
217Kb / 24P
VCXO Jitter Attenuator and FemtoClock??Multiplier
ICS813252I-02 IDT-ICS813252I-02 Datasheet
2Mb / 22P
VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
ICS813322-02 IDT-ICS813322-02 Datasheet
446Kb / 20P
VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
ICS810251 IDT-ICS810251 Datasheet
444Kb / 15P
VCXO and Synchronous Ethernet Jitter Attenuator
813N252I-09 IDT-813N252I-09_15 Datasheet
698Kb / 23P
VCXO Jitter Attenuator & FemtoClock Multiplier
logo
Renesas Technology Corp
810251I RENESAS-810251I Datasheet
433Kb / 16P
VCXO and Synchronous Ethernet Jitter Attenuator
March 3, 2016
810252DI-02 RENESAS-810252DI-02 Datasheet
344Kb / 21P
VCXO Jitter Attenuator & FemtoClock® Multiplier
11/18/14
813N252I-09 RENESAS-813N252I-09 Datasheet
895Kb / 24P
VCXO Jitter Attenuator & FemtoClock® Multiplier
December 10, 2015
ICS810252BI-03 RENESAS-ICS810252BI-03 Datasheet
902Kb / 25P
VCXO Jitter Attenuator and FemtoClock™ Multiplier
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com