Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK3A Datasheet (PDF) - Abracon Corporation

AK3A Datasheet PDF - Abracon Corporation
Part # AK3A
Download  AK3A Download
File Size   1203.45 Kbytes
Page   11 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator

AK3A Datasheet (PDF)

Go To PDF Page Download Datasheet
AK3A Datasheet PDF - Abracon Corporation

Part # AK3A
Download  AK3A Click to download

File Size   1203.45 Kbytes
Page   11 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator

AK3A Datasheet (HTML) - Abracon Corporation


AK3A Product details

Features
• Exceptionally Low RMS Jitter: 83fs Typ (LVDS @ 156.25MHz)
• Available in industry standard frequencies between 100MHz & 212.5MHz
• ±25ppm stability over industrial operating temperature (-40ºC to +85ºC)
• 2.5V, 3.3V, 2.25V to 3.63V Continuous supply voltage options
• LVPECL, LVDS, HCSL differential output logic
• Industry standard 3.2 x 2.5 x 1.0 mm footprint
• Based on 3rd overtone, quartz crystal technology
• Available in Abracon’s global distribution network
• Output Enable (Pad 1 or Pad 2 Active High) options available

Applications
• Optical Transceivers and Modules
• Data Centers, Storage, and Servers
• Networking switches and gateways
• 100G/200G/400G/800G Ethernet
• Fibre Channel/SONET/SDH/PCIe
• Industrial and FPGA applications
• Test & measurement




Similar Part No. - AK3A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AK3AAIG ABRACON-AK3AAIG Datasheet
696Kb / 11P
ClearClock™ Oscillator Family | Ultra-Low Jitter | 3.2x2.5mm XO
11-28-23
AK3AAIGPAF1-156.2500 ABRACON-AK3AAIGPAF1-156.2500 Datasheet
696Kb / 11P
ClearClock™ Oscillator Family | Ultra-Low Jitter | 3.2x2.5mm XO
11-28-23
AK3AAIGPAF1-156.2500T ABRACON-AK3AAIGPAF1-156.2500T Datasheet
696Kb / 11P
ClearClock™ Oscillator Family | Ultra-Low Jitter | 3.2x2.5mm XO
11-28-23
AK3AAIGPAF1-156.2500T3 ABRACON-AK3AAIGPAF1-156.2500T3 Datasheet
696Kb / 11P
ClearClock™ Oscillator Family | Ultra-Low Jitter | 3.2x2.5mm XO
11-28-23
More results


Similar Description - AK3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
logo
Abracon Corporation
ASFLMX-156.250MHZ-3BBA ABRACON-ASFLMX-156.250MHZ-3BBA Datasheet
8Mb / 5P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.15.15
ASFLMX-200.000MHZ-5ABB ABRACON-ASFLMX-200.000MHZ-5ABB Datasheet
6Mb / 4P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.08.15
ASFLMX-50.000MHZ-5ABB ABRACON-ASFLMX-50.000MHZ-5ABB Datasheet
8Mb / 5P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.15.15
ASVMX-25.000MHZ-5ABB ABRACON-ASVMX-25.000MHZ-5ABB Datasheet
3Mb / 4P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
05.01.15
ASVMX-25.000MHZ-5ABC ABRACON-ASVMX-25.000MHZ-5ABC Datasheet
3Mb / 4P
Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
04.29.15
ASVMX-156.250MHZ-3BBB ABRACON-ASVMX-156.250MHZ-3BBB Datasheet
5Mb / 5P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.22.15
ASVMX-156.250MHZ-3BNR ABRACON-ASVMX-156.250MHZ-3BNR Datasheet
5Mb / 5P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.27.15
ASVMX-312.500MHZ-3BBA ABRACON-ASVMX-312.500MHZ-3BBA Datasheet
5Mb / 5P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.22.15
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com